Electronic Components Datasheet Search
  English  ▼

X  

STM8301 Datasheet(PDF) 8 Page - SamHop Microelectronics Corp.

Part # STM8301
Description  Dual E nhancement Mode Field E ffect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8301 Datasheet(HTML) 8 Page - SamHop Microelectronics Corp.

Back Button STM8301 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8301 Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
5
N-C hannel
Q g, T otal G ate C harge (nC )
F igur e 9. G ate C har ge
F igur e 9. G ate C har ge
F igur e 10. M aximum Safe
O per ating A r ea
F igur e 10. M aximum Safe
O per ating A r ea
P-C hannel
-V DS , B ody Diode F orward V oltage (V )
Q g, T otal G ate C harge (nC )
V DS , Drain-S ource V oltage (V )
10
8
6
4
2
0
0
2
4
6
8
10 12
14
16
V DS=-15V
ID=-4.5A
50
10
1 1
0.1
0.03
0.1
1
10
50
R DS(
ON)
Limi
t
10m
s
100
ms
1s
VGS=-10V
S ingle P ulse
TA=25 C
DC
10
8
6
4
2
0
0
3
6
9
12
15 18 21 24
V DS=15V
ID=7A
40
10
1 1
0.1
0.03
0.1
1
10
30 50
10m
s
100
ms
1s
DC
VGS=10V
S ingle P ulse
TA=25 C
R D
S (O
N)
Lim
it
S T M8301
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com