Electronic Components Datasheet Search
  English  ▼

X  

SOC3810RHRT Datasheet(PDF) 10 Page - STMicroelectronics

Part # SOC3810RHRT
Description  Rad-Hard 60 V, 0.05 A PNP dual matched transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOC3810RHRT Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SOC3810RHRT Datasheet HTML 6Page - STMicroelectronics SOC3810RHRT Datasheet HTML 7Page - STMicroelectronics SOC3810RHRT Datasheet HTML 8Page - STMicroelectronics SOC3810RHRT Datasheet HTML 9Page - STMicroelectronics SOC3810RHRT Datasheet HTML 10Page - STMicroelectronics SOC3810RHRT Datasheet HTML 11Page - STMicroelectronics SOC3810RHRT Datasheet HTML 12Page - STMicroelectronics SOC3810RHRT Datasheet HTML 13Page - STMicroelectronics SOC3810RHRT Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
5
Ordering information
Table 7. Ordering information
Part number
Agency
specification
Quality level
Radiation level
Package
Mass
Lead finish
Marking(1)
Packing
2N3810K1
-
Engineering model
-
Flat-8
0.7 g
Gold
2N3810K1
Waffle pack
2N3810RKG
5207/005/10R
ESCC flight
100 krad
Gold
520700510R
2N3810RKT
5207/005/11R
ESCC flight
100 krad
Solder dip
520700511R
2N3810KG
5207/005/10
ESCC flight
-
Gold
520700510
2N3810KT
5207/005/11
ESCC flight
-
Solder dip
520700511
SOC38101
-
Engineering model
-
LCC-6
0.2 g
Gold
SOC38101
Waffle pack
SOC3810RHRG
5207/005/07R
ESCC flight
100 krad
Gold
520700507R
SOC3810RHRT
5207/005/09R
ESCC flight
100 krad
Solder dip
520700509R
SOC3810HRG
5207/005/07
ESCC flight
-
Gold
520700507
SOC3810HRT
5207/005/09
ESCC flight
-
Solder dip
520700509
SOC3810HRTW
5207/005/09
ESCC flight
-
Solder dip
520700509
Tape and reel
1. Specific marking only. The full marking includes in addition: For the Engineering Models: ST logo, date code; country of origin (FR). For ESCC flight parts: ST
logo, date code, country of origin (FR), ESA logo, serial number of the part within the assembly lot.
Contact ST sales office for information about the specific conditions for products in die form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com