Electronic Components Datasheet Search
  English  ▼

X  

STB30N80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STB30N80K5
Description  N-channel 800 V, 0.15 Ω typ., 24 A, MDmesh™ K5 Power MOSFET in a D²PAK package
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB30N80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STB30N80K5 Datasheet HTML 1Page - STMicroelectronics STB30N80K5 Datasheet HTML 2Page - STMicroelectronics STB30N80K5 Datasheet HTML 3Page - STMicroelectronics STB30N80K5 Datasheet HTML 4Page - STMicroelectronics STB30N80K5 Datasheet HTML 5Page - STMicroelectronics STB30N80K5 Datasheet HTML 6Page - STMicroelectronics STB30N80K5 Datasheet HTML 7Page - STMicroelectronics STB30N80K5 Datasheet HTML 8Page - STMicroelectronics STB30N80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
STB30N80K5
4/16
DocID028737 Rev 2
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified)
Table 5: On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
breakdown voltage
ID = 1 mA, VGS= 0 V
800
V
IDSS
Zero gate voltage
drain current
VGS= 0 V, VDS = 800 V
1
µA
VGS= 0 V, VDS = 800 V,
TC= 125 °C (1)
50
µA
IGSS
Gate source leakage
current
VDS= 0 V, VGS = ± 20 V
±10
µA
VGS(th)
Gate threshold voltage
VDD = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 12 A
0.15
0.18
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS= 0 V
-
1530
-
pF
Coss
Output capacitance
-
145
-
pF
Crss
Reverse transfer
capacitance
-
1.2
-
pF
Co(er)(1)
Equivalent capacitance
energy related
VGS = 0 V,
VDS = 0 to 640 V
-
91
-
pF
Co(tr)(2)
Equivalent capacitance
time related
-
244
-
pF
Qg
Total gate charge
VDD = 640 V, ID = 24 A,
VGS = 10 V
(see Figure 16: "Test circuit
for gate charge behavior")
-
43
-
nC
Qgs
Gate-source charge
-
12.8
-
nC
Qgd
Gate-drain charge
-
24.2
-
nC
Rg
Gate input resistance
f =1 MHz, ID= 0 A
-
3.5
-
Ω
Notes:
(1)Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS
increases from 0 to 80% VDSS
(2)Time related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS
increases from 0 to 80% VDSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com