Electronic Components Datasheet Search
  English  ▼

X  

STM8306 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STM8306
Description  Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8306 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STM8306 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8306 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 4. On-Resistance Variation with
Drain Current and Temperature
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
ID, Drain Current(A)
4
5
20
16
12
8
4
0
0
1
2
3
4
5
6
VGS=4,4.5~10V
VGS=3V
25 C
25
20
15
10
5
0
0.0
1
2
3
4
5
6
Tj=125 C
Tj( C)
2.2
1.8
1.4
1.0
0.6
0.4
0
-50
0
50
100
150
1200
1000
800
600
400
200
0
0
5
10
15
20
25
30
Ciss
Coss
Crss
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =1.7A
N-Ch
0.79 1.2
-0.77 -1.2
VGS = 0V, Is =-1.7A
P-Ch
V
b
C
Notes
c.Guaranteed by design,not subject to production testing.
b.Pulse Test:PulseWidth 300μs,Duty Cycle 2%.
<
<
a.Surface Mounted on FR4 Board,t 10sec.
<
N-Channel
-25
25
75
125
V GS =10V
ID=7A
VGS=3.5V
-55 C
S T M8306



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com