Electronic Components Datasheet Search
  English  ▼

X  

NRVB120LSF Datasheet(PDF) 3 Page - ON Semiconductor

Part # NRVB120LSF
Description  Surface Mount Schottky Power Rectifier
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NRVB120LSF Datasheet(HTML) 3 Page - ON Semiconductor

  NRVB120LSF Datasheet HTML 1Page - ON Semiconductor NRVB120LSF Datasheet HTML 2Page - ON Semiconductor NRVB120LSF Datasheet HTML 3Page - ON Semiconductor NRVB120LSF Datasheet HTML 4Page - ON Semiconductor NRVB120LSF Datasheet HTML 5Page - ON Semiconductor NRVB120LSF Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR120LSF, NRVB120LSF
http://onsemi.com
3
Figure 1. Typical Forward Voltage
Figure 2. Maximum Forward Voltage
0.1
vF, INSTANTANEOUS FORWARD VOLTAGE (VOLTS)
10
1.0
VF, MAXIMUM INSTANTANEOUS FORWARD VOLTAGE
(VOLTS)
0.1
0.7
0.3
0.5
0.9
TJ = 85°C
TJ = 125°C
TJ = −40°C
TJ = 25°C
0.1
10
1.0
0.1
0.7
0.3
0.5
0.9
TJ = 85°C
TJ = 125°C
TJ = 25°C
Figure 3. Typical Reverse Current
Figure 4. Maximum Reverse Current
20
0
VR, REVERSE VOLTAGE (VOLTS)
100E−3
10E−3
1.0E−3
100E−6
10E−6
1.0E−6
VR, REVERSE VOLTAGE (VOLTS)
5.0
10
15
20
0
1.0E+0
100E−6
10E−6
5.0
10
15
TJ = 125°C
TJ = 85°C
TJ = 25°C
TJ = 85°C
TJ = 25°C
100E−3
10E−3
1.0E−3
Figure 5. Current Derating
TL, LEAD TEMPERATURE (°C)
45
25
1.8
1.2
1.0
0.6
0.2
0
85
105
145
0.8
65
125
0.4
Ipk/Io = 5
Figure 6. Forward Power Dissipation
IO, AVERAGE FORWARD CURRENT (AMPS)
0.2
0
0.7
0.6
0.5
0.3
0.1
0
1.0
0.4
0.8
1.2
1.6
0.4
SQUARE
WAVE
dc
Ipk/Io = p
Ipk/Io = 10
Ipk/Io = 20
0.6
1.4
0.2
1.4
1.6
Ipk/Io = 20
Ipk/Io = 10
Ipk/Io = 5
Ipk/Io = p
SQUARE
WAVE
dc
freq = 20 kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com