Electronic Components Datasheet Search
  English  ▼

X  

STM8403 Datasheet(PDF) 1 Page - SamHop Microelectronics Corp.

Part # STM8403
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8403 Datasheet(HTML) 1 Page - SamHop Microelectronics Corp.

  STM8403 Datasheet HTML 1Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 2Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8403 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
Aug.30 2004 v1.1
ABS OLUTE MAXIMUM R ATINGS (TA=25 C unless otherwise noted)
Parameter
S ymbol
N-Channel P-Channel
Unit
Drain-S ource Voltage
VDS
V
Gate-S ource Voltage
VGS
V
Drain Current-Continuous @ TJ=125 C
-Pulsed
ID
2.0
A
A
A
W
IDM
Drain-S ource Diode Forward Current
IS
Maximum Power Dissipation
PD
Operating Junction and S torage
Temperature R ange
TJ, TS TG
-55 to 150
C
THE R MAL CHAR ACTE R IS TICS
Thermal R esistance, Junction-to-Ambient
62.5
/W
C
a
a
a
a
b
30
1.7
-30
-1.7
1
P R ODUC T S UMMAR Y
V DS S
ID
R DS (ON) ( m W ) Max
30V
7.2A
21 @ VGS = 10V
32 @ V GS = 4.5V
S O-8
1
1
2
3
4
8
7
6
5
S 1
G 1 S 2
G 2
D1
D1
D2
D2
(N-C hannel)
P R ODUC T S UMMAR Y
V DS S
ID
-30V
-4.5A
53 @ V GS = -10V
95 @ V GS = -4.5V
(P -C hannel)
S amHop Microelectronics C orp.
20
20
7.2
30
-18
R JA
S T M8403
R DS (ON) ( m W ) Max
-4.5


Similar Part No. - STM8403

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM8401 SAMHOP-STM8401 Datasheet
1Mb / 11P
Dual Enhancement Mode Field Effect Transistor(N and P Channel)
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8405 SAMHOP-STM8405 Datasheet
1Mb / 11P
Dual E nhancement Mode Field E ffect Transistor ( N and P Channel)
logo
VBsemi Electronics Co.,...
STM8405 VBSEMI-STM8405 Datasheet
2Mb / 14P
N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - STM8403

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM4512 SAMHOP-STM4512 Datasheet
253Kb / 11P
Dual E nhancement Mode Field Effect Transistor(N and P Channel)
STM8303 SAMHOP-STM8303 Datasheet
976Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8305 SAMHOP-STM8305 Datasheet
1Mb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8306 SAMHOP-STM8306 Datasheet
781Kb / 11P
Dual E nhancement Mode Field Effect Transistor ( N and P Channel)
STM8358S SAMHOP-STM8358S Datasheet
815Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8402 SAMHOP-STM8402 Datasheet
935Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8500 SAMHOP-STM8500 Datasheet
1Mb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STM8501 SAMHOP-STM8501 Datasheet
832Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU404D SAMHOP-STU404D Datasheet
951Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
STU405D SAMHOP-STU405D Datasheet
988Kb / 11P
Dual E nhancement Mode Field Effect Transistor (N and P Channel)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com