Electronic Components Datasheet Search
  English  ▼

X  

TCRT1000 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TCRT1000
Description  Reflective Optical Sensor With Transistor Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCRT1000 Datasheet(HTML) 2 Page - Vishay Siliconix

  TCRT1000 Datasheet HTML 1Page - Vishay Siliconix TCRT1000 Datasheet HTML 2Page - Vishay Siliconix TCRT1000 Datasheet HTML 3Page - Vishay Siliconix TCRT1000 Datasheet HTML 4Page - Vishay Siliconix TCRT1000 Datasheet HTML 5Page - Vishay Siliconix TCRT1000 Datasheet HTML 6Page - Vishay Siliconix TCRT1000 Datasheet HTML 7Page - Vishay Siliconix TCRT1000 Datasheet HTML 8Page - Vishay Siliconix TCRT1000 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TCRT1000, TCRT1010
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 13-Oct-2021
2
Document Number: 83752
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Power Dissipation Limit vs. Ambient Temperature
Notes
(1) Measured with the “Kodak neutral test card”, white side with 90 % diffuse reflectance
(2) Measured without reflecting medium
OUTPUT (DETECTOR)
Collector emitter voltage
VCEO
32
V
Emitter collector voltage
VECO
5V
Collector current
IC
50
mA
Power dissipation
Tamb
≤ 25 °C
PV
100
mW
Junction temperature
Tj
100
°C
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
10
100
1000
10000
0
50
100
150
200
250
300
020
40
60
80
100
Axis Title
T
amb - Ambient Temperature (°C)
Coupled device
Emitter
Detector
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
SENSOR
Collector current
VCE = 5 V, IF = 20 mA,
d = 1 mm (Fig. 2)
IC (1)
0.6
0.7
-
mA
Cross talk current
VCE = 5 V, IF = 20 mA
ICX (2)
--
1
μA
Collector emitter saturation
voltage
IF = 20 mA, IC = 0.1 mA,
d = 1 mm (Fig. 2)
VCEsat (1)
--
0.3
V
INPUT (EMITTER)
Forward voltage
IF = 100 mA
VF
-1.6
1.7
V
Peak wavelength
IF = 100 mA
λP
950
-
-
nm
OUTPUT (DETECTOR)
Collector emitter voltage
IC = 1 mA
VCEO
32
-
-
V
Emitter collector voltage
IE = 100 μA
VECO
5-
-
V
Collector dark current
VCE = 10 V, IF = 0 A, E = 0 lx
ICEO
--
200
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com