Electronic Components Datasheet Search
  English  ▼

X  

TCST1103 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TCST1103
Description  Transmissive Optical Sensor with Phototransistor Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCST1103 Datasheet(HTML) 3 Page - Vishay Siliconix

  TCST1103 Datasheet HTML 1Page - Vishay Siliconix TCST1103 Datasheet HTML 2Page - Vishay Siliconix TCST1103 Datasheet HTML 3Page - Vishay Siliconix TCST1103 Datasheet HTML 4Page - Vishay Siliconix TCST1103 Datasheet HTML 5Page - Vishay Siliconix TCST1103 Datasheet HTML 6Page - Vishay Siliconix TCST1103 Datasheet HTML 7Page - Vishay Siliconix TCST1103 Datasheet HTML 8Page - Vishay Siliconix TCST1103 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TCST1103, TCST1202, TCST1300
www.vishay.com
Vishay Semiconductors
Rev. 2.0, 24-Aug-11
3
Document Number: 83764
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 2 - Test Circuit for ton and toff
Fig. 3 - Switching Times
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 4 - Forward Current vs. Forward Voltage
Fig. 5 - Relative Current Transfer Ratio vs. Ambient Temperature
INPUT (EMITTER)
Forward voltage
IF = 60 mA
VF
1.25
1.6
V
Junction capacitance
VR = 0 V, f = 1 MHz
Cj
50
pF
OUTPUT (DETECTOR)
Collector emitter voltage
IC = 1 mA
VCEO
70
V
Emitter collector voltage
IE = 10 μA
VECO
7V
Collector dark current
VCE = 25 V, IF = 0 A, E = 0 lx
ICEO
100
nA
SWITCHING CHARACTERISTICS
Turn-on time
IC = 2 mA, VS = 5 V,
RL = 100
Ω (see figure 2)
ton
10
μs
Turn-off time
IC = 2 mA, VS = 5 V,
RL = 100
Ω (see figure 2)
toff
8μs
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
Channel I
Channel II
20688
+ 5 V
IC
adjusted by IF
IF
0
IF
R G = 50 Ω
tp
tp = 1 ms
T
= 20
Oscilloscope
50
Ω
100
Ω
R L ≥ 1 MΩ
C L ≤ 20 pF
t p
t
t
0
0
10 %
90 %
100 %
t r
t d
t on
t s
t f
t off
I F
IC
tp
Pulse duration
td
Delay time
tr
Rise time
ton (= td + tr)
Turn-on time
ts
Storage time
t f
Fall time
t
off (= ts + tf)
Turn-off time
96 11698
0.1
1
10
100
1000
0
VF - Forward Voltage (V)
96 11862
1.6
1.2
0.8
0.4
2.0
- 25
0
0.5
1.0
1.5
2.0
Tamb - Ambient Temperature (°C)
95 11089
VCE = 5 V
IF = 20 mA
100
75
50
25
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com