Electronic Components Datasheet Search
  English  ▼

X  

VCNT2030 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # VCNT2030
Description  Reflective Optical Sensor With VCSEL and Transistor Output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VCNT2030 Datasheet(HTML) 3 Page - Vishay Siliconix

  VCNT2030 Datasheet HTML 1Page - Vishay Siliconix VCNT2030 Datasheet HTML 2Page - Vishay Siliconix VCNT2030 Datasheet HTML 3Page - Vishay Siliconix VCNT2030 Datasheet HTML 4Page - Vishay Siliconix VCNT2030 Datasheet HTML 5Page - Vishay Siliconix VCNT2030 Datasheet HTML 6Page - Vishay Siliconix VCNT2030 Datasheet HTML 7Page - Vishay Siliconix VCNT2030 Datasheet HTML 8Page - Vishay Siliconix VCNT2030 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
VCNT2030
www.vishay.com
Vishay Semiconductors
Rev. 1.0, 02-Sep-2022
3
Document Number: 80223
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1)
It is recommended to apply at least 5 mA forward current, to ensure expected device performance
Fig. 2 - Test Circuit
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT (VCSEL)
Forward current (1)
IF
-5
-
mA
Forward voltage
IF = 8 mA
VF
1.7
1.9
2.1
V
IF = 15 mA
-
2.3
-
Temperature coefficient of VF
IF = 8 mA
TKVF
--4
-
mV/K
Angle of half intensity
IF = 8 mA
ϕ
-17
-
°
Reverse current
IR
Not designed for reverse operation
Peak wavelength
IF = 8 mA
λP
-
940
-
nm
OUTPUT (DETECTOR)
Emitter collector voltage
IE = 100 μA, E = 0
VECO
7-
-
V
Collector emitter dark current
VCE = 5 V, E = 0
ICEO
-
1
100
nA
SENSOR
Collector current
VCE = 5 V, IF = 8 mA, d = 1 mm
IC
1.8
2.5
5.4
mA
Current transfer ratio
IC/IF, d = 1 mm, VCE = 5 V
CTR
-
31
-
%
Rise time
IC = 0.8 mA, VCE = 5 V, RL = 100
Ω
tr
-10
-
μs
Fall time
IC = 0.8 mA, VCE = 5 V, RL = 100
Ω
tf
-15
-
μs
Object:
Kodak gray card (20 % reflectivity)
d = working distance 1 mm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com