Electronic Components Datasheet Search
  English  ▼

X  

STM8501 Datasheet(PDF) 7 Page - SamHop Microelectronics Corp.

Part # STM8501
Description  Dual E nhancement Mode Field Effect Transistor (N and P Channel)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STM8501 Datasheet(HTML) 7 Page - SamHop Microelectronics Corp.

Back Button STM8501 Datasheet HTML 3Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 4Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 5Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 6Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 7Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 8Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 9Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 10Page - SamHop Microelectronics Corp. STM8501 Datasheet HTML 11Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
P-C hannel
F igure 1. Output C har acter istics
F igure 2. Tr ansfer C har acter istics
-V GS , G ate-to-S ource Voltage (V )
-V DS , Drain-to-S ource Voltage (V )
20
16
12
8
4
0
0
0.5
1
1.5
2
2.5
3
25 C
20
15
10
5
1
0
0
0.8
1.6
2.4
3.2
4.0
4.8
-55 C
T j=125 C
-VGS=3V
-V GS =3.5V
-V GS =4.5V
-V GS =6V
-V GS =2.5V
-V GS =10V
S T M8501
F igure 4. On-R esistance Variation with
Drain C urrent and Temperature
-ID, Drain C urrent (A)
T j( C )
T j, J unction T emperature ( C )
F igure 3. On-R esistance vs. Drain C urrent
and G ate V oltage
100
40
20
0
8
12
16
20
0
V GS =-10V
V GS =-4.5V
4
60
80
2.0
1.8
1.6
1.4
1.2
1.0
0
25
50
125
100
75
V GS =-10V
ID=-3A
150
V GS =-4.5V
ID=-2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com