Electronic Components Datasheet Search
  English  ▼

X  

SPC574S60E3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # SPC574S60E3
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60E3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button SPC574S60E3 Datasheet HTML 3Page - STMicroelectronics SPC574S60E3 Datasheet HTML 4Page - STMicroelectronics SPC574S60E3 Datasheet HTML 5Page - STMicroelectronics SPC574S60E3 Datasheet HTML 6Page - STMicroelectronics SPC574S60E3 Datasheet HTML 7Page - STMicroelectronics SPC574S60E3 Datasheet HTML 8Page - STMicroelectronics SPC574S60E3 Datasheet HTML 9Page - STMicroelectronics SPC574S60E3 Datasheet HTML 10Page - STMicroelectronics SPC574S60E3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 77 page
background image
DS10601 Rev 6
7/77
SPC574Sx
Introduction
76
1.3
Feature overview
On-chip modules within the SPC574Sx include the following features:
•
Operating parameters
–
Fully static operation, up to 140 MHz
–
Up to -40
°C to 150 °C junction temperature operating range
•
Power management features
–
HALT mode — core clocks are stopped but the PLL is configurable
–
STOP mode — all clocks are stopped including the PLLs
–
Software-controlled clock gating of peripherals
•
High performance, low cost e200z420 core processor
–
32-bit CPU core complex (e200z420n3)
–
Compliant with the Power Architecture® embedded category
–
Includes an instruction set enhancement allowing variable length encoding (VLE)
for code size footprint reduction. Optional encoding of mixed 16-bit and 32-bit
instructions makes it possible to achieve significant code size footprint reduction.
•
Advanced and flexible supply scheme
–
Internal or External regulator mode for 1.2 V supply
–
3.3 V +/- 5% or 5 V +/- 5%
–
Up to 2 power rails for GPIOs and 2 power rails for analog/input pins enabling
supply redundancy concept.
–
The 4 power rails can be supplied in independent way (depending on selected
package and device configuration)
•
Designed with EMI reduction techniques
–
Internal phase-locked loop
–
Frequency modulation of system clock frequency
–
On-chip regulator
–
Controlled I/O slew rate
•
Advanced microcontroller bus architecture (AMBA) crossbar switch (XBAR) providing
concurrent access to peripherals, Flash memory and SRAM
–
4 master ports: FlexRay, DMA, CPU instruction bus and CPU data bus
–
5 slave ports: Flash Controller, TCM Back-door (Port to local Data RAM), RAM
controller, PBRIDGE0 and PBRIDGE1
•
32-bit internal address bus, 32-bit internal data bus
•
ECC (Error Correction Code) Flash memory with Flash controller
–
Up to 1.5 MB Code Flash—single module with prefetch buffer and 256-bit data
access port
–
64 KB Data Flash—single module with prefetch buffer and 256-bit data access
port
•
Up to 96 KB ECC SRAM with RAM controller (in addition to 32 KB core local data
RAM)
•
16 KB dedicated OTP Flash for embedded boot code
–
Boot Assisted Flash (BAF)
–
Supports internal Flash programming via a serial link (UART and MCAN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com