Electronic Components Datasheet Search
  English  ▼

X  

SPC574S60 Datasheet(PDF) 5 Page - STMicroelectronics

Part # SPC574S60
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S60 Datasheet(HTML) 5 Page - STMicroelectronics

  SPC574S60 Datasheet HTML 1Page - STMicroelectronics SPC574S60 Datasheet HTML 2Page - STMicroelectronics SPC574S60 Datasheet HTML 3Page - STMicroelectronics SPC574S60 Datasheet HTML 4Page - STMicroelectronics SPC574S60 Datasheet HTML 5Page - STMicroelectronics SPC574S60 Datasheet HTML 6Page - STMicroelectronics SPC574S60 Datasheet HTML 7Page - STMicroelectronics SPC574S60 Datasheet HTML 8Page - STMicroelectronics SPC574S60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 77 page
background image
DS10601 Rev 6
5/77
SPC574Sx
Introduction
76
Data Flash memory (EEPROM)
64 KB
UTEST Flash memory
16 KB
Boot assist Flash (BAF)
16 KB
CRC
1
LINFlexD
4
DSPI
4
MCAN
2
FlexRay
1 (128 MB)
SENT
2 x 3 channels
FlexPWM
2 x 4 channels (for motor control) +
2 x 2 channels (for SWG emulation via PWM)
eTimer
4 x 6 channels
ADC (SAR)
8
CTU (Cross Triggering Unit)
2
Temperature sensor
2
Self-test control unit (memory and logic BIST)
1
FCCU
1
MEMU
1
RCOSC
1
XOSC
1
PIT
1 x 8 channels
STM
1
PLL
Dual PLL with FM
Nexus
3(1)
Sequence processing unit (SPU)
1
External power supplies
Single supply mode: 3.3 V or 5 V
Junction temperature
-40 °C to 150 °C
Package
eTQFP100
1. Including trace for the crossbar masters (data & instruction trace on core and data trace on eDMA). 4 MDO pins Nexus
trace port.
Table 1. SPC574Sx device feature summary (superset configuration) (continued)
Feature
Description
Table 2. SPC574S60Ex, SPC574S64Ex device configuration differences
SPC574S60
(full option configuration)
SPC574S64
(full option configuration)
Flash
1 MB(1)
1.5 MB
RAM
96 KB(2)
128 KB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com