Electronic Components Datasheet Search
  English  ▼

X  

STP3055L2 Datasheet(PDF) 3 Page - SamHop Microelectronics Corp.

Part # STP3055L2
Description  N-Channel Logic Level E nhancement Mode Field Effect Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STP3055L2 Datasheet(HTML) 3 Page - SamHop Microelectronics Corp.

  STP3055L2 Datasheet HTML 1Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 2Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 3Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 4Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 5Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 6Page - SamHop Microelectronics Corp. STP3055L2 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
S TP/B3055L2
Parameter
Symbol
Condition
Min Typ Max Unit
ELECTRICAL CHARACTERISTICS (TA=25 C unless otherwise noted)
DRAIN-SOURCE DIODE CHARACTERISTICS
Diode Forward Voltage
VSD
VGS = 0V, Is =15A
1.1
1.3
V
b
C
Notes
c.Guaranteed by design,not subject to production testing.
b.Pulse Test:PulseWidth 300us,Duty Cycle 2%.
Figure 1. Output Characteristics
Figure 2. Transfer Characteristics
Figure 4. On-Resistance Variation with
Temperature
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
VGS, Gate-to-Source Voltage (V)
VDS, Drain-to-Source Voltage (V)
a.Surface Mounted on FR4 Board,t 10sec.
5
0
2
4
6
8
10
12
Ciss
Coss
1500
1200
900
600
300
0
20
16
12
8
4
0
0
1
2
3
4
5
6
25 C
25
20
15
10
5
0
0.0
0.6
1.2
1.8
2.4
3.0
3.6
Tj=125 C
3
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100
125
Tj( C)
-25
25
75
VGS=4.5V
ID=6A
Crss
-55 C
VGS=2V
VGS=10,9,8,7,6,5,4,3V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com