Electronic Components Datasheet Search
  English  ▼

X  

ST7293C3B6 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST7293C3B6
Description  8-BIT MCU WITH 6K ROM, EEPROM AND 16-BIT TIMER WITH INPUT CAPTURE AND DUAL OUTPUT COMPARE
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7293C3B6 Datasheet(HTML) 5 Page - STMicroelectronics

  ST7293C3B6 Datasheet HTML 1Page - STMicroelectronics ST7293C3B6 Datasheet HTML 2Page - STMicroelectronics ST7293C3B6 Datasheet HTML 3Page - STMicroelectronics ST7293C3B6 Datasheet HTML 4Page - STMicroelectronics ST7293C3B6 Datasheet HTML 5Page - STMicroelectronics ST7293C3B6 Datasheet HTML 6Page - STMicroelectronics ST7293C3B6 Datasheet HTML 7Page - STMicroelectronics ST7293C3B6 Datasheet HTML 8Page - STMicroelectronics ST7293C3B6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
5/69
ST7294
1.2 PIN DESCRIPTION
VDD Power supply.
VSS Ground.
OSCin, OSCout
Oscillator input and output
pins. These pins are usually connected to a paral-
lel resonant crystal or ceramic resonator. An ex-
ternal clock source may also be input via OSCin.
RESET
An active-low input signal on this pin
forces initialisation of the MCU. This is the highest
priority interrupt and it is not maskable. This pin is
set to an output-low level following release on the
part of the Watchdog. The pin may be used to re-
set external peripherals.
INT This is the external interrupt input, which may
be software-configured in one of four triggering
modes.
Caution:
The INT pin is also used to select an in-
ternal non-user test mode reserved exclusively for
use by SGS-THOMSON Microelectronics. This
non-user mode is entered on the rising edge of the
Reset signal, if:
– the voltage applied to the INT pin is less than
VDD + 0.5V, the device will initialise correctly in
User mode;
– if a “high” voltage (typically > VDD +3V, @ VDD
= +5V) is applied to the pin, the device will start
in a reserved non-user mode.
Under certain operating conditions apparent de-
vice malfunction may be experienced: this may be
described as follows:
During the Reset phase, if the VDD supply risetime
is slow, the Reset rising edge may occur at a volt-
age level lower than the minimum allowed voltage
of 2.5V. In this case, the “high” voltage which
needs to be applied to the INT pin to enter the spe-
cial mode may be as low as 3.5V, and such a volt-
age level may be supplied by the external interrupt
source, thus provoking an apparent system mal-
function.
For this reason it is strongly recommended to
manage the INT pin, either by tying it to VDD, if
unused, or by connecting it to VDD via a diode, if it
is to be used: this will avoid unexpected entry into
non-user mode.
ICAP (PC0). Input Capture signal directed to the
TIMER system. This pin, according to the chosen
mask option, may be defined as the ICAP function
input, or as a standard PC0 pin. When the pin is
defined as the ICAP input, the internal pull-up re-
sistor is not connected.
OCMP1 (PC1). Output Compare signal originating
from the TIMER system. This pin may, depending
on the chosen mask option, be defined as the
OCMP1 function output (Output Compare 1 of the
Timer) or as a standard PC1 pin. When the pin is
defined as OCMP1, the internal pull-up resistor is
not connected.
PA0-PA7, PB0-PB7, PC0-PC5. These 22 lines
are standard I/O lines, programmable as either in-
puts or outputs.
– PORT A
8 standard I/O lines, bit-programma-
ble via the DDRA and DRA registers. Depending
on the chosen mask option, the outputs may be
defined as standard push-pull or as open-drain.
A further mask option allows a resistor to be add-
ed on each line when it is defined as an input.
– PORT B
8 standard I/O lines bit-programmable
via the DDRB and DRB registers. A mask option
allows a resistor to be added on each line when
it is defined as an input.
– PORT C
6 standard I/O lines bit-programma-
ble via the DDRC and DRC registers. Depending
on the chosen mask option, these 6 lines can be
defined as 6 falling-edge-sensitive interrupt lines,
linked to a single interrupt vector, or as 6 stand-
ard input ports tied to V
DD through an internal pull-
up resistor. These negative edge sensitive inter-
rupt lines are capable of waking-up the ST7294
from WAIT or HALT mode. This feature allows
one to build low power applications where the
ST7294 can be woken-up by a key being
pressed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com