Electronic Components Datasheet Search
  English  ▼

X  

STB25NF06LAG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB25NF06LAG
Description  Automotive-grade N-channel 60 V, 53 mΩ typ., 20 A STripFET™ II Power MOSFET in a D²PAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NF06LAG Datasheet(HTML) 1 Page - STMicroelectronics

  STB25NF06LAG Datasheet HTML 1Page - STMicroelectronics STB25NF06LAG Datasheet HTML 2Page - STMicroelectronics STB25NF06LAG Datasheet HTML 3Page - STMicroelectronics STB25NF06LAG Datasheet HTML 4Page - STMicroelectronics STB25NF06LAG Datasheet HTML 5Page - STMicroelectronics STB25NF06LAG Datasheet HTML 6Page - STMicroelectronics STB25NF06LAG Datasheet HTML 7Page - STMicroelectronics STB25NF06LAG Datasheet HTML 8Page - STMicroelectronics STB25NF06LAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
November 2016
DocID030043 Rev 1
1/15
This is information on a product in full production.
www.st.com
STB25NF06LAG
Automotive-grade N-
channel 60 V, 53 mΩ typ., 20 A
STripFET™ II Power MOSFET in a D²PAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STB25NF06LAG
60 V
70 mΩ
20 A
60 W
AEC-Q101 qualified
Exceptional dv/dt capability
100% avalanche tested
Low gate charge
Applications
Switching applications
Description
This Power MOSFET series realized with
STMicroelectronics unique STripFET™ process
is specifically designed to minimize input
capacitance and gate charge. It is therefore ideal
as a primary switch in advanced high-efficiency
isolated DC-DC converters for Telecom and
Computer applications. It is also suitable for any
application with low gate charge drive
requirements.
Table 1: Device summary
Order code
Marking
Package
Packing
STB25NF06LAG
25NF06L
D²PAK
Tape and reel
1
3
TAB
D²PAK
2
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STB25NF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
More results

Similar Description - STB25NF06LAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF06LAG STMICROELECTRONICS-STD30NF06LAG Datasheet
721Kb / 15P
Automotive-grade N-channel 60 V, 0.022 Ω typ., 35 A STripFET™ II Power MOSFET in a DPAK package
14-Feb-2017
STL45N10F7AG STMICROELECTRONICS-STL45N10F7AG Datasheet
942Kb / 15P
Automotive-grade N-channel 100 V, 20 mΩ typ., 18 A, STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
16-Feb-2017
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STD20NF06LAG STMICROELECTRONICS-STD20NF06LAG Datasheet
605Kb / 15P
Automotive-grade N-channel 60 V, 32 mΩ typ., 24 A, STripFET II Power MOSFET in a DPAK package
01-Oct-2019
STI175N4F6AG STMICROELECTRONICS-STI175N4F6AG Datasheet
654Kb / 12P
Automotive-grade N-channel 40 V, 2.1 mΩ typ., 120 A STripFET™ F6 Power MOSFET in an I²PAK package
26-Jan-2016
STL50N6F7 STMICROELECTRONICS-STL50N6F7 Datasheet
866Kb / 14P
N-channel 60 V, 9 mΩ typ., 60 A STripFET™ F7 Power MOSFET in a PowerFLAT™ 5x6 package
12-Nov-2015
STL8N6LF3 STMICROELECTRONICS-STL8N6LF3 Datasheet
976Kb / 15P
Automotive-grade N-channel 60 V, 22.5 mΩ typ., 7.8 A STripFET™ F3 Power MOSFET in a PowerFLAT™ 5x6 package
11-May-2017
STW265N6F6AG STMICROELECTRONICS-STW265N6F6AG Datasheet
630Kb / 12P
Automotive N-channel 60 V, 2.3 mΩ typ., 180 A STripFET™ F6 Power MOSFET in a TO-247 package
16-Nov-2016
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
29-Apr-2020
STD12NF06LT4 STMICROELECTRONICS-STD12NF06LT4_V01 Datasheet
555Kb / 19P
N-channel 60 V, 70 mΩ typ., 12 A, StripFET™ II Power MOSFET in a DPAK package
09-Aug-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com