Electronic Components Datasheet Search
  English  ▼

X  

STB78NF55-08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB78NF55-08
Description  N-channel 55 V, 0.0065 Ω typ., 78 A STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB78NF55-08 Datasheet(HTML) 1 Page - STMicroelectronics

  STB78NF55-08 Datasheet HTML 1Page - STMicroelectronics STB78NF55-08 Datasheet HTML 2Page - STMicroelectronics STB78NF55-08 Datasheet HTML 3Page - STMicroelectronics STB78NF55-08 Datasheet HTML 4Page - STMicroelectronics STB78NF55-08 Datasheet HTML 5Page - STMicroelectronics STB78NF55-08 Datasheet HTML 6Page - STMicroelectronics STB78NF55-08 Datasheet HTML 7Page - STMicroelectronics STB78NF55-08 Datasheet HTML 8Page - STMicroelectronics STB78NF55-08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
This is information on a product in full production.
July 2016
DocID029564 Rev 1
1/19
STB78NF55-08,
STP78NF55-08
N-channel 55 V, 0.0065
Ω typ., 78 A STripFET™ II
Power MOSFETs in D²PAK and TO-220 packages
Datasheet — production data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Low input capacitance and gate charge
• Low gate input resistance
Applications
• Switching applications
Description
These Power MOSFETs have been developed
using STMicroelectronics’ unique STripFET
process, which is specifically designed to
minimize input capacitance and gate charge. This
renders the devices suitable for use as primary
switch in advanced high-efficiency isolated DC-
DC converters for telecom and computer
applications, and applications with low gate
charge driving requirements.
TO-220
D2PAK
Order code
VDSS
RDS(on) max
ID
STB78NF55-08
55 V
0.008
Ω
80 A
STP78NF55-08
Table 1. Device summary
Order code
Marking
Packages
Packing
STB78NF55-08
78NF55-08
D²PAK
Tape and reel
STP78NF55-08
78NF55-08
TO-220
Tube
www.st.com


Similar Part No. - STB78NF55-08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB7001 STMICROELECTRONICS-STB7001 Datasheet
331Kb / 7P
900 MHz THREE GAIN LEVEL LNA
22-Jan-2002
STB7002 STMICROELECTRONICS-STB7002 Datasheet
369Kb / 7P
1.8GHz THREE GAIN LEVEL LNA
22-Jan-2002
STB7003 STMICROELECTRONICS-STB7003 Datasheet
221Kb / 9P
TRI-BAND GSM/DCS/PCS LNA
22-Jan-2002
logo
Europa PLC
STB705020A EUROPA-STB705020A Datasheet
354Kb / 2P
Epoxy Coated Steel Enclosures
STB705025A EUROPA-STB705025A Datasheet
354Kb / 2P
Epoxy Coated Steel Enclosures
More results

Similar Description - STB78NF55-08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB80NF55-08AG STMICROELECTRONICS-STB80NF55-08AG Datasheet
1,008Kb / 18P
Automotive-grade N-channel 55 V, 6.5 m typ.,80 A STripFET™ Power MOSFETs in D²PAK and TO-220 packages
September 2016 Rev 1
STB25NF06AG STMICROELECTRONICS-STB25NF06AG Datasheet
817Kb / 15P
Automotive-grade N-channel 60 V, 0.056 Ω typ., 19 A STripFET™ II Power MOSFET in a D²PAK package
12-May-2016
STP85NF55 STMICROELECTRONICS-STP85NF55_V01 Datasheet
929Kb / 18P
Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
16-Jan-2019
STD10P6F6 STMICROELECTRONICS-STD10P6F6_V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
STP9N80K5 STMICROELECTRONICS-STP9N80K5 Datasheet
795Kb / 16P
N-channel 800 V, 0.73 Ω typ., 7 A MDmesh™ K5 Power MOSFETs in a TO-220 and TO-247 packages
26-Jul-2016
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STD3NK90ZT4 STMICROELECTRONICS-STD3NK90ZT4_V01 Datasheet
563Kb / 24P
N-channel 900 V, 3.6 Ω typ., 3 A SuperMESH™ Power MOSFETs in DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
STD10P6F6-V01 STMICROELECTRONICS-STD10P6F6-V01 Datasheet
1Mb / 24P
P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
27-Jul-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com