Electronic Components Datasheet Search
  English  ▼

X  

STB85N15F4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB85N15F4
Description  N-channel 150 V, 0.015 Ω, 85 A TO-220, D2PAK STripFET™ DeepGATE™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB85N15F4 Datasheet(HTML) 1 Page - STMicroelectronics

  STB85N15F4 Datasheet HTML 1Page - STMicroelectronics STB85N15F4 Datasheet HTML 2Page - STMicroelectronics STB85N15F4 Datasheet HTML 3Page - STMicroelectronics STB85N15F4 Datasheet HTML 4Page - STMicroelectronics STB85N15F4 Datasheet HTML 5Page - STMicroelectronics STB85N15F4 Datasheet HTML 6Page - STMicroelectronics STB85N15F4 Datasheet HTML 7Page - STMicroelectronics STB85N15F4 Datasheet HTML 8Page - STMicroelectronics STB85N15F4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary Data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
January 2009
Rev 1
1/12
12
STB85N15F4
STP85N15F4
N-channel 150 V, 0.015
Ω, 85 A TO-220, D2PAK
STripFET™ DeepGATE™ Power MOSFET
Features
■ Exceptional dv/dt capability
■ Extremely low on-resistance RDS(on)
■ 100% avalanche tested
Application
■ Switching applications
Description
This Power MOSFET is among the latest
developments that use an advanced technology
(STripFET™ DeepGATE™ technology), which
has been especially tailored to minimize on-state
resistance, provide superior switching
performance and withstand high energy pulse in
avalanche and commutation mode. The resulting
transistor shows extremely high packing density
for low on-resistance, rugged avalanche
characteristics and less critical alignment steps
therefore a remarkable manufacturing
reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) max
ID
STB85N15F4
150 V
< 0.019
Ω
85 A
STP85N15F4
150 V
< 0.019
Ω
85 A
TO-220
1
2
3
D²PAK
1
3
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STB85N15F4
85N15F4
D²PAK
Tape and reel
STP85N15F4
85N15F4
TO-220
Tube
www.st.com


Similar Part No. - STB85N15F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
428Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A D2PAK LOW GATE CHARGE STripFET™ I POWER MOSFET
Nov-2001
STB85NF3LL STMICROELECTRONICS-STB85NF3LL Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
STB85NF3LL-1 STMICROELECTRONICS-STB85NF3LL-1 Datasheet
264Kb / 9P
N-CHANNEL 30V - 0.006ohm - 85A TO-220/I2PAK LOW GATE CHARGE STripFET™ POWER MOSFET
Mar-2001
logo
Inchange Semiconductor ...
STB85NF3LL-1 ISC-STB85NF3LL-1 Datasheet
282Kb / 2P
isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STB85NF3LLT4 STMICROELECTRONICS-STB85NF3LLT4 Datasheet
391Kb / 13P
N-channel 30V - 0.006ohm - 85A - D2PAK Low gate charge STripFET TM II Power MOSFET
28-Jul-2006
More results

Similar Description - STB85N15F4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD70N10F4 STMICROELECTRONICS-STD70N10F4 Datasheet
974Kb / 18P
N-channel 100 V, 0.015 廓, 60 A, STripFET??DeepGATE??Power MOSFET in TO-220, DPAK, TO-247, D2PAK
09-Oct-2009
STL100N3LLH6 STMICROELECTRONICS-STL100N3LLH6 Datasheet
564Kb / 10P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6)STripFET™ VI DeepGATE™ Power MOSFET
16-Feb-2010
STB140N10F4 STMICROELECTRONICS-STB140N10F4 Datasheet
380Kb / 13P
N-channel 100 V, 5.2 mΩ, 60 A TO-220, D2PAK, TO-220FP STripFET™ DeepGATE™ Power MOSFET
12-Jan-2008
STH90N55F4-2 STMICROELECTRONICS-STH90N55F4-2 Datasheet
768Kb / 16P
N-channel 55 V, 0.0064 Ω, 90 A, H2PAK STripFET™ DeepGATE™ Power MOSFET
11-Aug-2011
STI70N10F4 STMICROELECTRONICS-STI70N10F4 Datasheet
723Kb / 12P
N-channel 100 V, 0.015 Ω, 60 A, STripFET™ DeepGATE™ Power MOSFET in I2PAK
23-Sep-2009
STL100N3LLH7 STMICROELECTRONICS-STL100N3LLH7 Datasheet
525Kb / 9P
N-channel 30 V, 0.0025 Ω, 25 A PowerFLAT™ (5x6) STripFET™ VII DeepGATE™ Power MOSFET
22-Jun-2010
STP85N15F4 STMICROELECTRONICS-STP85N15F4_V01 Datasheet
437Kb / 12P
N-channel 150 V, 0.015 Ω, 85 A TO-220, H2PAK STripFET™ DeepGATE™ Power MOSFET
07-Jul-2009
STP1806 STMICROELECTRONICS-STP1806 Datasheet
272Kb / 9P
N-CHANNEL 60V - 0.015 - 50A TO-220 STripFET™ POWER MOSFET
Rev.0.1
STS25N3LLH6 STMICROELECTRONICS-STS25N3LLH6 Datasheet
257Kb / 11P
N-channel 30 V, 0.0025 Ω, 22 A, SO-8 STripFET™ VI DeepGATE™ Power MOSFET
27-Jan-2009
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com