Electronic Components Datasheet Search
  English  ▼

X  

STP85NF55 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STP85NF55
Description  Automotive-grade N-channel 55 V, 6.2 mΩ typ., 80 A, STripFET™ II Power MOSFETs in D²PAK and TO-220 packages
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP85NF55 Datasheet(HTML) 5 Page - STMicroelectronics

  STP85NF55_V01 Datasheet HTML 1Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 2Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 3Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 4Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 5Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 6Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 7Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 8Page - STMicroelectronics STP85NF55_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Safe operating area
ID
100
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
GC93850
Figure 2. Thermal impedance
K
10
10
10
10
tp(s)
10
10
10
-5
-4
-3
-2
-1
-2
-1
GC93840
Figure 3. Output characteristics
ID
240
160
80
0
0
8
VDS(V)
16
(A)
4
12
320
GC93620
Figure 4. Transfer characteristics
ID
192
128
64
0
0
4
VGS(V)
8
(A)
2
6
256
GC93630
Figure 5. Trasconductance
GFS
40
30
20
10
0
8
ID(A)
(S)
4
12
16
GC93640
Figure 6. Static drain-source on-resistance
RDS(on)
6.2
6.1
6.0
0
40
ID(A)
(m
W)
20
60
6.3
6.4
80
GC93650
STB85NF55T4, STP85NF55
Electrical characteristics (curves)
DS2569 - Rev 12
page 5/18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com