Electronic Components Datasheet Search
  English  ▼

X  

BAV23CL Datasheet(PDF) 3 Page - ON Semiconductor

Part # BAV23CL
Description  Switching Diode, Dual, High Voltage, Common Cathode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAV23CL Datasheet(HTML) 3 Page - ON Semiconductor

  BAV23CL Datasheet HTML 1Page - ON Semiconductor BAV23CL Datasheet HTML 2Page - ON Semiconductor BAV23CL Datasheet HTML 3Page - ON Semiconductor BAV23CL Datasheet HTML 4Page - ON Semiconductor BAV23CL Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BAV23CL, NSVBAV23CL
www.onsemi.com
3
Figure 1. Forward Voltage
Figure 2. Reverse Current
VF, FORWARD VOLTAGE (V)
VR, REVERSE VOLTAGE (V)
1.4
1.2
1.0
0.8
0.4
0.2
0.001
0.01
0.1
1
250
200
150
100
50
0
0.0001
0.001
0.01
0.1
10
100
Figure 3. Total Capacitance
VR, REVERSE VOLTAGE (V)
35
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
2.5
3.0
0.6
0°C
125°C
−40°C
75°C
25°C
150°C
125°C
−40°C
75°C
25°C
1
30
40
TA = 25°C
f = 1 MHz
150°C
0°C
Notes: 1. A 2.0 kW variable resistor adjusted for a Forward Current (IF) of 30 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 30 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820
W
0.1
mF
D.U.T.
VR
100
mH
0.1
mF
50
W OUTPUT
PULSE
GENERATOR
50
W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 3.0 mA
OUTPUT PULSE
(IF = IR = 30 mA; MEASURED
at iR(REC) = 3.0 mA)
IF
INPUT SIGNAL
Figure 4. Recovery Time Equivalent Test Circuit



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com