Electronic Components Datasheet Search
  English  ▼

X  

STS3401 Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # STS3401
Description  P-Channel E nhancement Mode MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STS3401 Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  STS3401 Datasheet HTML 1Page - SamHop Microelectronics Corp. STS3401 Datasheet HTML 2Page - SamHop Microelectronics Corp. STS3401 Datasheet HTML 3Page - SamHop Microelectronics Corp. STS3401 Datasheet HTML 4Page - SamHop Microelectronics Corp. STS3401 Datasheet HTML 5Page - SamHop Microelectronics Corp. STS3401 Datasheet HTML 6Page - SamHop Microelectronics Corp. STS3401 Datasheet HTML 7Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
-IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
-V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
-V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
20
10
0
2
0
0.4
0.8
1.2
1.6
2.0
8
6
4
2
0
0
2
4
6
8
10
12 16
20
VDS=-15V
ID=-3A
T J=25 C
50
10
1 1
0.1
0.03
0.1
1
10
30 50
R D
S (O
N)
Lim
it
10m
s
100
ms
1s
DC
VGS=-10V
S ingle P ulse
Tc=25 C
4
-50 -25
0
25
50
75 100 125
1.10
1.07
1.04
1.00
0.97
0.94
0.91
ID=-250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=-250uA
S T S 3401
10
8
6
4
12
0
0
5
10
15
20
25
2
V DS =-5V
10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com