Electronic Components Datasheet Search
  English  ▼

X  

P1011AP13 Datasheet(PDF) 13 Page - ON Semiconductor

Part # P1011AP13
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1011AP13 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button P1011AP13 Datasheet HTML 9Page - ON Semiconductor P1011AP13 Datasheet HTML 10Page - ON Semiconductor P1011AP13 Datasheet HTML 11Page - ON Semiconductor P1011AP13 Datasheet HTML 12Page - ON Semiconductor P1011AP13 Datasheet HTML 13Page - ON Semiconductor P1011AP13 Datasheet HTML 14Page - ON Semiconductor P1011AP13 Datasheet HTML 15Page - ON Semiconductor P1011AP13 Datasheet HTML 16Page - ON Semiconductor P1011AP13 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
13
Figure 22. Low Peak Current Skip−Cycle Guarantees Noise−Free Operation
100%
Peak current
at nominal power
25%
Skip−cycle
current limit
Full power operation involves the nominal switching
frequency and thus avoids any noise when running.
Experiments carried on a 5.0 W universal mains board
unveiled a standby power of 300 mW @ 230 Vac with the
DSS activated and dropped to less than 100 mW when an
auxiliary winding is connected.
Frequency Jittering for Improved EMI Signature
By sweeping the switching frequency around its nominal
value, it spreads the energy content on adjacent frequencies
rather than keeping it centered in one single ray. This offers
the benefit to artificially reduce the measurement noise on
a standard EMI receiver and pass the tests more easily. The
EMI sweep is implemented by routing the VCC ripple
(induced by the DSS activity) to the internal oscillator. As a
result, the switching frequency moves up and down to the
DSS rhythm. Typical deviation is
"3.3% of the nominal
frequency. With a 1.0 V peak−to−peak ripple, the frequency
will equal 65 kHz in the middle of the ripple and will
increase as VCC rises or decrease as VCC ramps down.
Figure 23 portrays the behavior we have adopted.
Figure 23. The VCC ripple is used to introduce a frequency jittering on the internal oscillator sawtooth.
Here, a 65 kHz version was selected.
VCC Ripple
VCCOFF
67.15 kHz
65 kHz
62.85 kHz
VCCON
Internal Sawtooth



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com