Electronic Components Datasheet Search
  English  ▼

X  

P1012AP Datasheet(PDF) 16 Page - ON Semiconductor

Part # P1012AP
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP Datasheet(HTML) 16 Page - ON Semiconductor

Back Button P1012AP Datasheet HTML 12Page - ON Semiconductor P1012AP Datasheet HTML 13Page - ON Semiconductor P1012AP Datasheet HTML 14Page - ON Semiconductor P1012AP Datasheet HTML 15Page - ON Semiconductor P1012AP Datasheet HTML 16Page - ON Semiconductor P1012AP Datasheet HTML 17Page - ON Semiconductor P1012AP Datasheet HTML 18Page - ON Semiconductor P1012AP Datasheet HTML 19Page - ON Semiconductor P1012AP Datasheet HTML 20Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
16
Design Procedure
The design of an SMPS around a monolithic device does
not differ from that of a standard circuit using a controller
and a MOSFET. However, one needs to be aware of certain
characteristics specific of monolithic devices:
Figure 28. The Drain−Source Wave Shall Always be Positive . . .
1.004M
1.011M
1.018M
1.025M
1.032M
−50.0
50.0
150
250
350
> 0 !!
1. In any case, the lateral MOSFET body−diode shall
never be forward biased, either during startup
(because of a large leakage inductance) or in
normal operation as shown by Figure 28.
As a result, the Flyback voltage which is reflected on the
drain at the switch opening cannot be larger than the input
voltage. When selecting components, you thus must adopt
a turn ratio which adheres to the following equation:
N · (Vout
) Vf) t Vin min (eq. 14) . For instance, if
operating from a 120 V DC rail, with a delivery of 12 V, we
can select a reflected voltage of 100 Vdc maximum:
120–100 > 0. Therefore, the turn ratio Np:Ns must be
smaller than 100/(12 + 1) = 7.7 or Np:Ns < 7.7. We will see
later on how it affects the calculation.
2. A current−mode architecture is, by definition,
sensitive to subharmonic oscillations.
Subharmonic oscillations only occur when the
SMPS is operating in Continuous Conduction
Mode (CCM) together with a duty−cycle greater
than 50%. As a result, we recommend to operate
the device in DCM only, whatever duty−cycle it
implies (max = 65%). However, CCM operation
with duty−cycles below 40% is possible.
3. Lateral MOSFETs have a poorly dopped
body−diode which naturally limits their ability to
sustain the avalanche. A traditional RCD clamping
network shall thus be installed to protect the
MOSFET. In some low power applications,
a simple capacitor can also be used since
Vdrain max
+ Vin ) N · (Vout ) Vf) ) Ip ·
Lf
Ctot
(eq. 15)
, where Lf is the leakage inductance,
Ctot is the total capacitance at the drain node
(which is increased by the capacitor wired between
drain and source), N the Np:Ns turn ratio, Vout the
output voltage, Vf the secondary diode forward
drop and finally, Ip the maximum peak current.
Worse case occurs when the SMPS is very close to
regulation, e.g. the Vout target is almost reached
and Ip is still pushed to the maximum.
Taking into account all previous remarks, it becomes
possible to calculate the maximum power that can be
transferred at low line.
When the switch closes, Vin is applied across the primary
inductance Lp until the current reaches the level imposed by
the feedback loop. The duration of this event is called the ON
time and can be defined by:
ton
+
Lp · Ip
Vin
(eq. 16)
At the switch opening, the primary energy is transferred
to the secondary and the flyback voltage appears across
Lp, resetting the transformer core with a slope of
N · (Vout
) Vf)
Lp
. toff, the OFF time is thus:
toff
+
Lp · Ip
N · (Vout
) Vf)
(eq. 17)
If one wants to keep DCM only, but still need to pass the
maximum power, we will not allow a dead−time after the
core is reset, but rather immediately restart. The switching
time can be expressed by:
Tsw
+ toff ) ton + Lp · Ip ·
1
Vin
)
1
N · (Vout
) Vf)
(eq. 18)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com