Electronic Components Datasheet Search
  English  ▼

X  

P1012AP06 Datasheet(PDF) 3 Page - ON Semiconductor

Part # P1012AP06
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1012AP06 Datasheet(HTML) 3 Page - ON Semiconductor

  P1012AP06 Datasheet HTML 1Page - ON Semiconductor P1012AP06 Datasheet HTML 2Page - ON Semiconductor P1012AP06 Datasheet HTML 3Page - ON Semiconductor P1012AP06 Datasheet HTML 4Page - ON Semiconductor P1012AP06 Datasheet HTML 5Page - ON Semiconductor P1012AP06 Datasheet HTML 6Page - ON Semiconductor P1012AP06 Datasheet HTML 7Page - ON Semiconductor P1012AP06 Datasheet HTML 8Page - ON Semiconductor P1012AP06 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
3
PIN FUNCTION DESCRIPTION
Pin No.
(SOT−223)
Pin No.
(PDIP−7)
Pin Name
Function
Description
1
1
VCC
Powers the Internal Circuitry
This pin is connected to an external capacitor of typic-
ally 10
mF. The natural ripple superimposed on the
VCC participates to the frequency jittering. For im-
proved standby performance, an auxiliary VCC can be
connected to Pin 1. The VCC also includes an active
shunt which serves as an opto fail−safe protection.
−
2
NC
−
−
−
3
GND
The IC Ground
−
2
4
FB
Feedback Signal Input
By connecting an optocoupler to this pin, the peak
current setpoint is adjusted accordingly to the output
power demand.
3
5
Drain
Drain Connection
The internal drain MOSFET connection.
−
−
−
−
−
−
7
GND
The IC Ground
−
4
8
GND
The IC Ground
−
65, 100 or
130 kHz
Clock
Overload?
UVLO
Management
GND
NC
VCC
FB
Drain
GND
GND
Figure 2. Simplified Internal Circuit Architecture
2
1
3
4
IVCC
I?
Vclamp*
4 V
18 k
Error flag armed?
EMI Jittering
VCC
Startup Source
Drain
Flip−Flop
DCmax = 65%
Reset
Reset
High when VCC t 3 V
Driver
S
Q
R
−
+
Iref = 7.4 mA
IVCC
Set
Q
VCC
8
Rsense
250 ns
L.E.B.
7
5
−
+
+
-
Soft−Start
Startup Sequence
Overload
0.5 V
Drain
*Vclamp = VCCOFF + 200 mV (8.7 V Typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com