Electronic Components Datasheet Search
  English  ▼

X  

P1013AP13 Datasheet(PDF) 2 Page - ON Semiconductor

Part # P1013AP13
Description  Self-Supplied Monolithic Switcher for Low Standby- Power Offline SMPS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

P1013AP13 Datasheet(HTML) 2 Page - ON Semiconductor

  P1013AP13 Datasheet HTML 1Page - ON Semiconductor P1013AP13 Datasheet HTML 2Page - ON Semiconductor P1013AP13 Datasheet HTML 3Page - ON Semiconductor P1013AP13 Datasheet HTML 4Page - ON Semiconductor P1013AP13 Datasheet HTML 5Page - ON Semiconductor P1013AP13 Datasheet HTML 6Page - ON Semiconductor P1013AP13 Datasheet HTML 7Page - ON Semiconductor P1013AP13 Datasheet HTML 8Page - ON Semiconductor P1013AP13 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
NCP1010, NCP1011, NCP1012, NCP1013, NCP1014
www.onsemi.com
2
1
VCC
8 GND
2
NC
3
GND
4
FB
7 GND
5 DRAIN
(Top View)
PIN CONNECTIONS
PDIP−7
SOT−223
(Top View)
1
2
3
4
VCC
FB
DRAIN
GND
Indicative Maximum Output Power from NCP1014
RDSon − Ip
230 Vac
100 − 250 Vac
11
W − 450 mA DSS
14 W
6.0 W
11
W − 450 mA Auxiliary Winding
19 W
8.0 W
1. Informative values only, with: Tamb = 50
°C, Fswitching = 65 kHz, circuit mounted on minimum copper area as recommended.
Figure 1. Typical Application Example
27
3
45
18
100−250 Vac
+
+
NCP101X
Vout
+
GND
Quick Selection Table
NCP1010
NCP1011
NCP1012
NCP1013
NCP1014
RDSon [W]
22
11
Ipeak [mA]
100
250
250
350
450
Freq [kHz]
65
100
130
65
100
130
65
100
130
65
100
130
65
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com