Electronic Components Datasheet Search
  English  ▼

X  

DTC114TKA Datasheet(PDF) 1 Page - Rohm

Part # DTC114TKA
Description  NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

DTC114TKA Datasheet(HTML) 1 Page - Rohm

  DTC114TKA Datasheet HTML 1Page - Rohm DTC114TKA Datasheet HTML 2Page - Rohm DTC114TKA Datasheet HTML 3Page - Rohm DTC114TKA Datasheet HTML 4Page - Rohm DTC114TKA Datasheet HTML 5Page - Rohm DTC114TKA Datasheet HTML 6Page - Rohm DTC114TKA Datasheet HTML 7Page - Rohm DTC114TKA Datasheet HTML 8Page - Rohm DTC114TKA Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DTC114T series
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
Datasheet
l
lOutline
Parameter
Value
SOT-723
SOT-416FL
VCEO
50V
 
 
 
 
IC
100mA
R1
10kΩ
DTC114TM
DTC114TEB
l
lFeatures
(VMT3)
(EMT3F)
1) Built-In Biasing Resistor
2) Built-in bias resistors enable the configuration of
 an inverter circuit without connecting external
 input resistors (see inner circuit) .
3) Only the on/off conditions need to be set
 for operation, making the circuit design easy.
4) Complementary PNP Types: DTA114T series
SOT-416
SOT-323FL
 
 
 
 
DTC114TE
DTC114TUB
(EMT3)
(UMT3F)
SOT-323
SOT-346
 
 
 
 
l
lApplication
DTC114TU3
DTC114TKA
INVERTER, INTERFACE,DRIVER
(UMT3)
(SMT3)
l
lInner circuit
DTC114TM/ DTC114TEB/ DTC114TUB
DTC114TE/ DTC114TU3/ DTC114TKA
l
lPackaging specifications
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
DTC114TM
SOT-723
1212
T2L
180
8
8000
04
DTC114TEB
SOT-416FL
1616
TL
180
8
3000
04
DTC114TE
SOT-416
1616
TL
180
8
3000
04
DTC114TUB
SOT-323FL
2021
TL
180
8
3000
04
DTC114TU3
SOT-323
2021
T106
180
8
3000
04
DTC114TKA
SOT-346
2928
T146
180
8
3000
04
                                                                                         
www.rohm.com
© 2018 ROHM Co., Ltd. All rights reserved.
1/9
20180419 - Rev.002


Similar Part No. - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
103Kb / 4P
Digital transistors (built in resistor)
logo
Jiangsu Changjiang Elec...
DTC114TKA JIANGSU-DTC114TKA Datasheet
96Kb / 2P
Digital transistors (built-in resistors)
logo
SeCoS Halbleitertechnol...
DTC114TKA SECOS-DTC114TKA Datasheet
199Kb / 2P
NPN Digital Transistors (Built-in Resistors)
logo
Rohm
DTC114TKA ROHM-DTC114TKA Datasheet
85Kb / 3P
100mA / 50V Digital transistors (with built-in resistors)
logo
Rectron Semiconductor
DTC114TKA RECTRON-DTC114TKA Datasheet
348Kb / 3P
SOT-23-3L DIGITAL TRANSISTOR TRANSISTORS(NPN)
More results

Similar Description - DTC114TKA

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123JEBHZG ROHM-DTC123JEBHZG Datasheet
811Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124ECAHZG ROHM-DTC124ECAHZG Datasheet
892Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143TCAHZG ROHM-DTC143TCAHZG Datasheet
1Mb / 7P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143XCAHZG ROHM-DTC143XCAHZG Datasheet
771Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC144EUBHZG ROHM-DTC144EUBHZG Datasheet
886Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC115EU3HZG ROHM-DTC115EU3HZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC123YU3HZG ROHM-DTC123YU3HZG Datasheet
937Kb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124TCA ROHM-DTC124TCA Datasheet
969Kb / 8P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC124XU3HZG ROHM-DTC124XU3HZG Datasheet
967Kb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
DTC143ZU3HZG ROHM-DTC143ZU3HZG Datasheet
1Mb / 9P
NPN 100mA 50V Digital Transistor (Bias Resistor Built-in Transistor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com