Electronic Components Datasheet Search
  English  ▼

X  

SRM4010 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # SRM4010
Description  40A Synchronous Rectifier Module
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

SRM4010 Datasheet(HTML) 2 Page - Microsemi Corporation

  SRM4010 Datasheet HTML 1Page - Microsemi Corporation SRM4010 Datasheet HTML 2Page - Microsemi Corporation SRM4010 Datasheet HTML 3Page - Microsemi Corporation SRM4010 Datasheet HTML 4Page - Microsemi Corporation SRM4010 Datasheet HTML 5Page - Microsemi Corporation SRM4010 Datasheet HTML 6Page - Microsemi Corporation SRM4010 Datasheet HTML 7Page - Microsemi Corporation SRM4010 Datasheet HTML 8Page - Microsemi Corporation SRM4010 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Microsemi
Colorado Division
800 Hoyt Street, Broomfield, CO. 80020, 303-469-2161, Fax: 303-466-3775
Page 2
Copyright
2000
2003-02-05 Rev. IR
SRM4010
40A Synchronous Rectifier Module
CO L O RA D O DI V I S I O N
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RAT
ABSOLUTE MAXIMUM RATINGS
INGS
INGS
INGS
Transformer Secondary Voltage (CTCH-FWD………………………………......20V
Forward/Catch MOSFET Voltage (CTCH/FWD-
PGND)………………………..…20V
Maximum Current ICTCH/ IFWD Peak……..……………………………….60A
Continuous……..……………………..….40A
Supply Voltage to Reg
(Regin)……..……………………………………….20V
Load Current on 5V Regulator (IREG)…..……………………………….…50 mA
Operating Temperature (Base Plate Temperature Base)…………...….-40 to +100
°C
Storage Temperature.……………………………………………….....-55 to +150
°C
Figure 3
PACKAGE PIN OUT
PACKAGE PIN OUT
PACKAGE PIN OUT
PACKAGE PIN OUT
MOSFET THERM
MOSFET THERM
MOSFET THERM
MOSFET THERM AL CHARACTERICTICS
AL CHARACTERICTICS
AL CHARACTERICTICS
AL CHARACTERICTICS
Thermal Resistance (R
ƟJ-C)……….………………………….….3.5°C/W
Thermal Resistance (R
ƟJ-A)
PCB Mount………………………………………………...……15
°C/W
Heat Sink (1”x1”x.3”)………………………………….…..…..8
°C/W
Free Air…………………………………………………..…..…25
°C/W
ELECTRICAL CHARACTER
ELECTRICAL CHARACTER
ELECTRICAL CHARACTER
ELECTRICAL CHARACTER ISTICS
ISTICS
ISTICS
ISTICS
Unless Otherwise Specified, The Following Specifications Apply Over The Operating Range (-40 to +100
°C)
SRM4010
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
MOSFET Ratings
Catch ON-Resistance
RDS(ON)
ICTCH 40A
2.8
mohm
FWD ON-Resistance
RDS(ON)
IFWD 40A
2.8
mohm
Synchronous Rectifier Operation
Transformer Voltage Range
Vin
Self Powered Regulator
8.0
15.0
Volts
Output Voltage Range
Vout
1.0
5.0
Volts
Power Loss
PLoss
IOUT 20A, Vin 10V, fsw 300KHz
5
Watts
IOUT 40A, Vin 10V, fsw 300KHz
17
Watts
Switching Frequency Range
fsw
200
400
KHz
Step Pulse Width Change
No Cross Conduction in Single Cycle
100
%
Forward Conduction Time
TFWD
5
uSec
Catch Conduction Time
TCTCH
5
uSec
Linear Regulator
Output Voltage
VREG
5
Volts
Output Current
IREG
25
mA
Load Regulation
-5
+5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com