Electronic Components Datasheet Search
  English  ▼

X  

INA828 Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # INA828
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA828 Datasheet(HTML) 35 Page - Texas Instruments

Back Button INA828 Datasheet HTML 31Page - Texas Instruments INA828 Datasheet HTML 32Page - Texas Instruments INA828 Datasheet HTML 33Page - Texas Instruments INA828 Datasheet HTML 34Page - Texas Instruments INA828 Datasheet HTML 35Page - Texas Instruments INA828 Datasheet HTML 36Page - Texas Instruments INA828 Datasheet HTML 37Page - Texas Instruments INA828 Datasheet HTML 38Page - Texas Instruments INA828 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
0
1
2
3
4
5
-10
-5
0
5
10
Input Voltage (V)
Figure 9-4. PLC Output Voltage vs Input Voltage
C001
0
1
2
3
4
5
-20
-10
0
10
20
Input Current (mA)
C001
Figure 9-5. PLC Output Voltage vs Input Current
9.2.2 20-Bit, 1-MSPS ADS8900B Driver Circuit With FDA Noise Filter
The application circuit in Figure 9-6 shows the schematic of a complete input and reference driver circuit for the
ADS8900B, a 20-bit, precision, 1-MSPS, successive approximation register (SAR), analog-to-digital converter
(ADC). This circuit is used to measure the driving capability of the INA851 with the ADS8900B ADC.
To test the complete dynamic range of the circuit, the common-mode voltage VOCM of the input of the ADC is
established at a value of VREF / 2.
To exclude noise caused by supply voltage, the test circuit uses the TPS7A4700, a low-noise 4-µVRMS, RF
LDO voltage regulator, to generate the 5.2-V supply rail.
For VOCM, the circuit uses the REF5050, a low-noise, low-drift, 5-V reference, a 20k-20k voltage divider to
establish VREF/2 and an additional RC filter (10 Ω, 150 pF) into the VOCM pin. See also the ADS8900EVM-
PDK user's guide.
+
–
RG
VS+
OUT+
VS
IN
IN+
RG+
OUT
VOCM
RF
RF
R1
R2
R4
R3
G02
G02+
3 k
5 k
5 k
3 k
5 k
1.25 k
R5
R6
5 k
1.25 k
LDO
LDO
VCLAMP+
VCLAMP
RG
ADS8900B
INP
INN
FDA_IN
FDA_IN+
+
–
–
+
INA851
15 V
15 V
5.0 V
4
3
2
1
16
15
14
13
7
5
6
9
10
11
12
OVP
OVP
+
–
VDD
VSS
VIN+
VIN-
10
150 pF
CFB
CFB
RFIL
RFIL
CFIL
CFIL
VREF
5.2 V
VREF/2
47.4
47.4
1 nF
1 nF
1 nF
1 nF
Figure 9-6. Driving ADS8900B With FDA Noise Filter
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
35
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com