Electronic Components Datasheet Search
  English  ▼

X  

INA849 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  INA851 Precision, Low-Noise, Fully Differential Output Instrumentation Amplifier With Attenuating Gain and Output Clamping
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 37 Page - Texas Instruments

Back Button INA849 Datasheet HTML 33Page - Texas Instruments INA849 Datasheet HTML 34Page - Texas Instruments INA849 Datasheet HTML 35Page - Texas Instruments INA849 Datasheet HTML 36Page - Texas Instruments INA849 Datasheet HTML 37Page - Texas Instruments INA849 Datasheet HTML 38Page - Texas Instruments INA849 Datasheet HTML 39Page - Texas Instruments INA849 Datasheet HTML 40Page - Texas Instruments INA849 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
9.2.3 24-Bit, 200 kSPS, Delta-Sigma ADS127L11 ADC Driver Circuit With FDA Noise Filter
The application circuit in Figure 9-9 shows an schematic for a 24-bit-precision, 200-kSPS, delta-sigma, ADC.
The circuit is used to measure the driving capacity of the INA851 with the ADS127L11 ADC.
The ADS127L11 ADC offers two digital filters to optimize for ac applications (wideband filter) or dc applications
(Sinc4 filter). Application Curves shows measurement results in both filter settings. For detailed design
procedure to operate the ADS127L11 ADC, see the ADS127L11EVM-PDK evaluation module.
+
–
RG
VS+
OUT+
VS
IN
IN+
RG+
OUT
VOCM
RF
RF
R1
R2
R4
R3
G02
G02+
3 k
5 k
5 k
3 k
5 k
1.25 k
R5
R6
5 k
1.25 k
LDO
LDO
VCLAMP+
VCLAMP
RG
ADS127L11
INP
INN
FDA_IN
FDA_IN+
+
–
–
+
INA851
15 V
15 V
2.5 V
4
3
2
1
16
15
14
13
7
5
6
9
10
11
12
OVP
OVP
+
–
AVDD
AVSS
VIN+
VIN-
10
150 pF
CFB
CFB
RFIL
RFIL
CCM
CCM
VREF
5.2 V
ADS127L11 V
VCM Pin
2x Input Range
CDIFF
47.4
47.4
51 pF
51 pF
510 pF
100 pF
100 pF
Figure 9-9. Driving the Delta-Sigma ADC ADS127L11
9.2.3.1 Design Requirements
The design requirements for the application driving the ADS127L11 ADC are listed in the following table.
Table 9-3. Design Parameters
PARAMETER
VALUE
Differential-to-differential conversion
VINDIFF to VOUTDIFF
Supply voltages
VS± = ±15 V, AVDD = 5.2 V, VREF = 2.5 V
Full-scale range of ADC for FSR
FSR = ± 5 V
Data rate of ADC
fDATA = 187.5 kSPS
ADC filter configuration
(1) High-speed mode, Sinc4 filter, OSR = 64
(2) High-speed mode, wideband filter, OSR = 64
INA gain and filter configuration
See Table 9-4 and Table 9-5
Signal frequency
fIN = 1 kHz
RC kickback filter(1)
RFIL = 47.4 Ω + CDIFF = 510 pF + RFIL = 47.4 Ω, CFIL = 51 pF
(1)
A trade-off must be considered between THD, frequency response and drift. The differential current drift into the ADC can interact with
this filter resistors and result in higher drift errors. However, low resistance degrades the phase margin of the INA851. For low drift
applications, keep RFIL < 50 Ω.
www.ti.com
INA851
SBOS999A – MARCH 2022 – REVISED OCTOBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: INA851



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com