Electronic Components Datasheet Search
  English  ▼

X  

TMUX7411F Datasheet(PDF) 32 Page - Texas Instruments

Part # TMUX7411F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7411F Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMUX7411F Datasheet HTML 28Page - Texas Instruments TMUX7411F Datasheet HTML 29Page - Texas Instruments TMUX7411F Datasheet HTML 30Page - Texas Instruments TMUX7411F Datasheet HTML 31Page - Texas Instruments TMUX7411F Datasheet HTML 32Page - Texas Instruments TMUX7411F Datasheet HTML 33Page - Texas Instruments TMUX7411F Datasheet HTML 34Page - Texas Instruments TMUX7411F Datasheet HTML 35Page - Texas Instruments TMUX7411F Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
9 Detailed Description
9.1 Overview
The TMUX741xF devices are 44-V fault protected switches in a 1:1, 4 channel configuration. The devices work
well with dual supplies (±5 V to ±22 V), a single supply (8 V to 44 V), or asymmetric supplies (such as VDD
= 15 V, VSS = –5 V). The overvoltage protection feature on the source pins works under powered and powered-
off conditions, allowing for use in harsh industrial environments. The powered-off condition includes floating
power supplies, grounded power supplies, or power supplies at any level that are below the undervoltage (UV)
threshold.
9.2 Functional Block Diagram
SW
SW
S1
S2
VDD
VSS
TMUX7411F
(SELx = Logic 1)
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
SW
SW
S3
S4
D1
D2
D3
D4
FF
SEL4
S1
S2
VDD
VSS
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
S3
S4
D1
D2
D3
D4
FF
SEL4
SW
SW
SW
SW
TMUX7412F
(SELx = Logic 1)
S1
S2
VDD
VSS
Fault Detection/
Switch Driver/
Logic Decoder
SEL1
SEL2
SEL3
S3
S4
D1
D2
D3
D4
FF
SEL4
SW
SW
TMUX7413F
(SELx = Logic 1)
SW
SW
9.3 Feature Description
9.3.1 Flat ON-Resistance
The TMUX7411F, TMUX7412F, and TMUX7413F are designed with a special switch architecture to produce
ultra-flat on-resistance (RON) across most of the switch input operation region. The flat RON response allows the
device to be used in precision sensor applications since the RON is controlled regardless of the signals sampled.
The architecture is implemented without a charge pump so no unwanted noise is produced from the device to
affect sampling accuracy.
9.3.2 Protection Features
The TMUX7411F, TMUX7412F, and TMUX7413F offer a number of protection features to enable robust system
implementations.
9.3.2.1 Input Voltage Tolerance
The maximum voltage that can be applied to any source input pin is +60 V or −60 V, allowing the device to
handle typical voltage fault condition in industrial applications. Caution: the device has different maximum stress
ratings across different pin combinations and are defined as the following:
1. Between source pins and supply rails: 85 V
For example, if the device is powered by VDD supply of 25 V, then the maximum negative signal level on any
source pin is –60 V. If the device is powered by VDD supply of 40 V, then the maximum negative signal level
on any source pin is reduced to –45 V to maintain the 85 V maximum rating across the source pin and the
supply.
2. Between source pins and the same drain pins: 85 V
For example, if channel S1 is ON and an overvoltage voltage fault of –60 V occurs on the source pin, then
the maximum positive voltage signal level driven on the drain pin channel D1 is 25 V to maintain the 85 V
maximum rating across the source pin and the drain pin.
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com