Electronic Components Datasheet Search
  English  ▼

X  

TMUX7413F Datasheet(PDF) 39 Page - Texas Instruments

Part # TMUX7413F
Description  TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMUX7413F Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMUX7413F Datasheet HTML 35Page - Texas Instruments TMUX7413F Datasheet HTML 36Page - Texas Instruments TMUX7413F Datasheet HTML 37Page - Texas Instruments TMUX7413F Datasheet HTML 38Page - Texas Instruments TMUX7413F Datasheet HTML 39Page - Texas Instruments TMUX7413F Datasheet HTML 40Page - Texas Instruments TMUX7413F Datasheet HTML 41Page - Texas Instruments TMUX7413F Datasheet HTML 42Page - Texas Instruments TMUX7413F Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
11 Power Supply Recommendations
The TMUX7411F, TMUX7412F, and TMUX7413F operates across a wide supply range of ±5 V to ±22 V (8 V to
44 V in single-supply mode). They also perform well with asymmetrical supplies such as VDD = 12 V and VSS
= –5 V. Use a supply decoupling capacitor ranging from 1 µF to 10 µF at the VDD and VSS pins to ground for
improved supply noise immunity. Always ensure the ground (GND) connection is established before supplies are
ramped.
12 Layout
12.1 Layout Guidelines
Figure 12-1 and Figure 12-2 shows an example of a PCB layout with the TMUX741xF. The following are some
key considerations:
• Decouple the VDD and VSS pins with a 1-µF capacitor, placed as close to the pin as possible. Make sure that
the capacitor voltage rating is sufficient for the VDD and VSS supplies.
• Multiple decoupling capacitors can be used if their is a lot of noise in the system. For example, a 0.1-µF and
1-µF can be placed on the supply pins. If multiple capacitors are used, placing the lowest value capacitor
closest to the supply pin is recommended.
• Keep the input lines as short as possible.
• Use a solid ground plane to help distribute heat and reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
12.2 Layout Example
SEL1
D1
S1
VSS
D2
S2
TMUX741xF
VDD
SEL2
FF
S3
D3
SEL3
GND
S4
D4
SEL4
Wide (low inductance)
trace for power
Wide (low inductance)
trace for power
Via to ground plane
To Pull-up resistor
Figure 12-1. TSSOP Layout Example
S1
S2
VSS
VDD
GND
FF
S4
S3
Via to ground plane
Via to power plane
To Pull-up resistor
Figure 12-2. WQFN Layout Example
www.ti.com
TMUX7411F, TMUX7412F, TMUX7413F
SCDS404B – MARCH 2021 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: TMUX7411F TMUX7412F TMUX7413F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com