Electronic Components Datasheet Search
  English  ▼

X  

PI3HDMI412FT Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3HDMI412FT
Description  4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI Compliant Signal Switch with Flow-through Pin Out
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3HDMI412FT Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3HDMI412FT Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3HDMI412FT Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
PS8798
12/05/05
PI3HDMI412FT
4-Differential Channel, 2:1 Mux/DeMux, DVI/HDMI
Compliant Signal Switch with Flow-through Pin Out
Truth Table
Function
SEL
N to NA
L
N to NB
H
Storage Temperature...........................................................–65°C to +150°C
Supply Voltage to VSS Potential............................................–0.5V to +2.5V
DC Input Voltage ........................................................................VSS to VDD
DC Output Current.............................................................................120mA
Note:
StressesgreaterthanthoselistedunderMAXIMUMRAT-
INGS may cause permanent damage to the device. This is
a stress rating only and functional operation of the device
at these or any other conditions above those indicated in
the operational sections of this specification is not im-
plied. Exposure to absolute maximum rating conditions
for extended periods may affect reliability.
Maximum Ratings
(Above which useful life may be impaired. For user guidelines, not tested.)
DC Electrical Characteristics for Switching over Operating Range (TA = –40°C to +85°C)
Paramenter
Description
Test Conditions (1)
Min.
Typ.(2)
Max.
Units
VIH3
Input HIGH Voltage
Guaranteed HIGH level
0.65(VDD-VSS)+VSS
V
VIL3
Input LOW Voltage
Guaranteed LOW level
–0.5+VSS
0.35(VDD-VSS)+VSS
VIK
Clamp Diode Voltage VDD=Max., IIN=–18mA
–0.7+VSS
–1.2+VSS
IIH
Input HIGH Current
VDD=Max., VIN=VDD
±5
µA
IIL
Input LOW Current
VDD=Max., VIN=VSS
±5
Notes:
1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at TA = 25°C ambient and maximum loading.
3. VIH & VIL are for SEL input only.
Pin Description
Pin # (BQSOP)
Pin # (TQFN)
Pin Name
Description
2, 4, 12, 21, 23, 25,
36, 48
2, 8, 16, 18, 20, 30,
40, 42
VDD
+ Power supply 3.30
1, 3, 5, 8, 11, 14, 17,
20, 22, 24, 26, 31, 37,
42, 47
1, 5, 10, 13, 17, 19,
21, 39, 41
VSS
- Power supply
13
9
SEL
Select pin, see truth table
6, 7, 9, 10, 15, 16,
18, 19, 27-30, 32-35,
38-41, 43-46
3, 4, 6, 7, 11, 12, 14,
15, 22-29, 31-38,
Dx+/-x + CLK+/-x
Data + Clk bits for TMDS signal
DC Power Supply Characteristics
Paramenter
Description
Min.
Max.
Units
VDD
Positive Power Supply
3.0
3.6
V
VSS
Negative Power Supply
1.5
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com