Electronic Components Datasheet Search
  English  ▼

X  

PI5A385AP Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI5A385AP
Description  Precision Wide Bandwidth Analog Switches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI5A385AP Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI5A385AP Datasheet HTML 1Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 2Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 3Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 4Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 5Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 6Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 7Page - Pericom Semiconductor Corporation PI5A385AP Datasheet HTML 8Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
32
PS7062D
07/14/98
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
PI5A381A
PI5A383A
PI5A385A
Functional Diagram, Pin Configurations and Truth Tables
Features
••••• Single-Supply Operation (+2V to +6V)
••••• Rail-to-Rail Analog Signal Dynamic Range
••••• Low On-Resistance (8Ω typ with 5V supply)
Minimizes Distortion and Error Voltages
••••• R
ON Matching Between Channels, 0.9 Ω typ
••••• On-Resistance Flatness, 3Ω typ
••••• Low Charge Injection Reduces Glitch Errors. Q = 7pC typ
••••• High Speed. t
ON = 8ns typ
••••• Very Good Off-Isolation: -55dB @ 10 MHz
••••• Wide -3dB Bandwidth: 230 MHz
••••• High-Current Channel Capability: >100mA
••••• TTL/CMOS Logic Compatible
••••• Low Power Consumption (0.5µW typ)
••••• Pin-compatible with DG40X, MAX38X
Applications
••••• Audio, Video Switching and Routing
••••• Battery-Powered Communication Systems
••••• Computer Peripherals
••••• Telecommunications
••••• Portable Instrumentation
••••• Replaces Mechanical Relays
Switches shown for Logic “0” input
NC = Normally Closed, NO = Normally Open, NIC = Not internally Connected
Description
The PI5A381/383/385A are dual monolithic analog switches
designed for single-supply operation. These high-precision
devices are ideal for low-distortion audio, video signal switching
and routing.
The PI5A381 is a dual single-pole single-throw (SPST), nor-
mally open (NO) switch. The PI5A383 is a dual single-pole
double-throw (SPDT) switch. The PI5A385 is a dual double-
pole single-throw (DPST), normally open (NO) function.
Each switch conducts current equally well in either direction
when on. When off they block voltages up to the power-supply
rails.
The PI5A381/383/385 are fully specified with +5V, and +3.3V
supplies. With +5V, they guarantee <10
Ω on-resistance. On-
resistance matching between channels is within 2
Ω. On-
resistance flatness is less than 4
Ω over the specified range. The
PI5A38X family guarantees fast switching speeds (t
ON < 15ns).
These products are available in the 16-pin narrow-body SOIC,
QSOP, and PDIP packages for operation over the industrial
(-40oC to +85 oC) temperature range.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
COM1
NIC
COM3
NC3
NC4
COM4
COM2
NIC
NO1
NIC
GND
NIC
V
IN2
NO2
IN1
PI5A383A
CC
A
3
8
3
A
5
I
P
c
i
g
o
L2
W
S
,
1
W
S4
W
S
,
3
W
S
0
1
F
F
O
N
O
N
O
F
F
O
A
1
8
3
A
5
I
P
c
i
g
o
Lh
c
t
i
w
S
0
1
F
F
O
N
O
A
5
8
3
A
5
I
P
c
i
g
o
Lh
c
t
i
w
S
0
1
F
F
O
N
O
PI5A381A/383A/385A
Precision Wide Bandwidth Analog Switches


Similar Part No. - PI5A385AP

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5A3157 PERICOM-PI5A3157 Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157B PERICOM-PI5A3157B Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BC6EX PERICOM-PI5A3157BC6EX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157BZUEX PERICOM-PI5A3157BZUEX Datasheet
415Kb / 9P
Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
PI5A3157CEX PERICOM-PI5A3157CEX Datasheet
135Kb / 8P
SOTINYTM Low Voltage SPDT Analog Switch 2:1 Mux/Demux Bus Switch
More results

Similar Description - PI5A385AP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
MPY634 BURR-BROWN-MPY634 Datasheet
122Kb / 8P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
logo
Pericom Semiconductor C...
PI5A126 PERICOM-PI5A126 Datasheet
254Kb / 6P
Dual, Wide Bandwidth Analog Switches
PI5A100 PERICOM-PI5A100 Datasheet
512Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A121 PERICOM-PI5A121 Datasheet
533Kb / 8P
Wide Bandwidth Analog Switches
PI5A101 PERICOM-PI5A101 Datasheet
446Kb / 10P
Precision Wide-Bandwidth Analog Switch
PI5A317A PERICOM-PI5A317A Datasheet
237Kb / 7P
Precision Wide Bandwidth Analog Switches
PI5A127 PERICOM-PI5A127 Datasheet
276Kb / 7P
Dual, Wide Bandwidth Analog Switches
PI5A100QEX PERICOM-PI5A100QEX Datasheet
518Kb / 12P
Precision, Wide-Bandwidth Quad SPDT Analog Switch
PI5A392AQEX PERICOM-PI5A392AQEX Datasheet
121Kb / 9P
Precision Wide Bandwidth Quad Analog Switches
logo
Texas Instruments
MPY634 TI1-MPY634_16 Datasheet
889Kb / 17P
Wide Bandwidth PRECISION ANALOG MULTIPLIER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com