Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TPW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # BQ2000TPW
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000TPW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  BQ2000TPW Datasheet HTML 1Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 2Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 3Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 4Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 5Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 6Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 7Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 8Page - List of Unclassifed Manufacturers BQ2000TPW Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
Features
➤
Safe management of fast
charge for NiCd, NiMH, or
Li-Ion battery packs
➤
High-frequency switching
controller for efficient and
simple charger design
➤
Pre-charge qualification for
detecting shorted, damaged,
or overheated cells
➤
Fast-charge termination by
D ∆Τ/∆ t minimum current
(Li-Ion), maximum tempera-
ture, and maximum charge
time
➤
Selectable top-off mode for
achieving maximum capacity
in NiMH batteries
➤
Programmable trickle-charge
mode for reviving deeply dis-
charged batteries and for
post-charge maintenance
➤
Built-in battery removal and
insertion detection
➤
Sleep mode for low power
consumption
General Description
The bq2000T is a programmable,
monolithic IC for fast-charge man-
agement of nickel cadmium
(NiCd), nickel metal-hydride
(NiMH), or lithium-ion (Li-Ion)
batteries
in
single-
or
multi-chemistry applications. The
bq2000T detects the battery chem-
istry and proceeds with the opti-
mal charging and termination al-
gorithms. This process eliminates
undesirable undercharged or
overcharged conditions and allows
accurate and safe termination of
fast charge.
Depending on the chemistry, the
bq2000T provides a number of
charge termination criteria:
n
Rate of temperature rise, D ∆Τ/∆t
(for NiCd and NiMH)
n
Minimum charging current (for
Li-Ion)
n
Maximum temperature
n
Maximum charge time
For safety, the bq2000T inhibits
fast charge until the battery volt-
age and temperature are within
user-defined limits. If the battery
voltage is below the low-voltage
threshold, the bq2000T uses
trickle-charge to condition the
battery. For NiMH batteries, the
bq2000T provides an optional
top-off charge to maximize the
battery capacity.
The integrated high-frequency
comparator allows the bq2000T to
be the basis for a complete,
high-efficiency power-conversion
circuit for both nickel-based and
lithium-based chemistries.
bq2000T
SNS
Current-sense
input
VSS
System ground
LED
Charge-status
output
BAT
Battery-voltage
input
1
PN-2000.eps
8-Pin DIP or Narrow SOIC
or TSSOP
2
3
4
8
7
6
5
SNS
LED
BAT
VSS
MOD
VCC
TS
RC
Pin Connections
Pin Names
Programmable Multi-Chemistry
Fast-Charge Management IC
SLUS149B–FEBRUARY 2001
TS
Temperature-sense
input
RC
Timer-program
input
VCC
Supply-voltage
input
MOD
Modulation-control
output


Similar Part No. - BQ2000TPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000TPW TI1-BQ2000TPW Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TPW TI2-BQ2000TPW Datasheet
930Kb / 31P
Programmable Multi-Chemistry Fast-Charge Management IC
REVISED JANUARY 2010
BQ2000TPW.B TI2-BQ2000TPW.B Datasheet
930Kb / 31P
Programmable Multi-Chemistry Fast-Charge Management IC
REVISED JANUARY 2010
BQ2000TPWG4 TI1-BQ2000TPWG4 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000TPWR TI1-BQ2000TPWR Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
More results

Similar Description - BQ2000TPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2000 TI-BQ2000 Datasheet
164Kb / 18P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI-BQ2000T Datasheet
140Kb / 16P
Programmable Multi-Chemistry Fast-Charge Management IC
FEBRUARY 2000
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
NiCd/NiMH Fast-Charge Management IC
9/97
BQ24400 TI-BQ24400 Datasheet
162Kb / 15P
Programmable NiCd/NiMH Fast-Charge Management Device
BQ2000 TI1-BQ2000_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2000T TI1-BQ2000T_15 Datasheet
1Mb / 29P
Programmable Multi-Chemistry Fast-Charge Management IC
BQ2002C TI1-BQ2002C_11 Datasheet
387Kb / 17P
NiCd/NiMH Fast-Charge Management IC
BQ24400 TI1-BQ24400_16 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
BQ24401 TI1-BQ24401_15 Datasheet
1Mb / 27P
Programmable NiCd/NiMH Fast-Charge Management IC
logo
Shenzhen Huazhimei Semi...
HM4065B HMSEMI-HM4065B Datasheet
509Kb / 11P
4A Multi-Type Battery Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com