Electronic Components Datasheet Search
  English  ▼

X  

BQ2000TPWR Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # BQ2000TPWR
Description  Programmable Multi-Chemistry Fast-Charge Management IC
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

BQ2000TPWR Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button BQ2000TPWR Datasheet HTML 10Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 11Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 12Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 13Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 14Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 15Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 16Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 17Page - List of Unclassifed Manufacturers BQ2000TPWR Datasheet HTML 18Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
14
bq2000T
Ordering Information
bq2000T
Package Option:
PN = 8-pin narrow plastic DIP
SN = 8-pin narrow SOIC
PW = 8-pin SSOP
Device:
bq2000T Multi-Chemistry Fast-Charge IC with ∆T/∆t Detection
Change No.
Page No.
Description
Nature of Change
1
5
Minimum current termination
Was: 14%
Is: 7%
1
3
Added state diagram
17
Changed capacitor value for en-
abling top-off
Was: 0.13µF
Is: 0.26µF
1
8
Figure 8
Schematic updated
110
VTCO,VHTF,VLTF
Tolerance updated
29
Minimum current (for fast
charge termination)
Was: IMAX/7
Is: IMAX/14
3
2
Change Figure 1
Connection added between TS and ADC
and connection deleted between BAT and
ADC.
3
2
Change Figure 2
Battery temperature was: (checked at all
times)
Is: (sampled every 16 seconds for ∆T/∆t)
33
14
Change package
Was: 8-Pin TSSOP ∼ TS Package Suffix
Is: 8-Pin PSOP
13
13
Change Ordering Information
Was: TS = 8-pin TSSOP
Is: PW = 8-pin TSSOP
Note:
Change 1 = May 1999 B changes to Final from Jan. 1999 Preliminary data sheet.
Change2=February 2000 changes from May 1999 B.
Change3=February 2001 C changes from February 2000
Data Sheet Revision History



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com