Electronic Components Datasheet Search
  English  ▼

X  

STAP57100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STAP57100
Description  RF power transistor the LdmoST family
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STAP57100 Datasheet(HTML) 4 Page - STMicroelectronics

  STAP57100 Datasheet HTML 1Page - STMicroelectronics STAP57100 Datasheet HTML 2Page - STMicroelectronics STAP57100 Datasheet HTML 3Page - STMicroelectronics STAP57100 Datasheet HTML 4Page - STMicroelectronics STAP57100 Datasheet HTML 5Page - STMicroelectronics STAP57100 Datasheet HTML 6Page - STMicroelectronics STAP57100 Datasheet HTML 7Page - STMicroelectronics STAP57100 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Impedance
STAP57100
4/8
3
Impedance
Figure 2.
Current conventions
Note:
Measured gate to gate and drain to drain respectively.
Table 6.
Impedance data
Freq. (MHz)
ZIN (Ω)ZDL(Ω)
890 MHz
1.3 + j 1.4
3.15 - j 2.0
925 MHz
1.1 + j 0.7
2.85 - j 2.9
960 MHz
1.2 + j 2.1
2.35 - j 4.9



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com