Electronic Components Datasheet Search
  English  ▼

X  

STBC15LJTR Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBC15LJTR
Description  Ultra-low current consumption linear battery charger
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBC15LJTR Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBC15LJTR Datasheet HTML 13Page - STMicroelectronics STBC15LJTR Datasheet HTML 14Page - STMicroelectronics STBC15LJTR Datasheet HTML 15Page - STMicroelectronics STBC15LJTR Datasheet HTML 16Page - STMicroelectronics STBC15LJTR Datasheet HTML 17Page - STMicroelectronics STBC15LJTR Datasheet HTML 18Page - STMicroelectronics STBC15LJTR Datasheet HTML 19Page - STMicroelectronics STBC15LJTR Datasheet HTML 20Page - STMicroelectronics STBC15LJTR Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
Table 13. Flip-chip12 (1.1 x 1.41 mm) package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
0.265
0.300
0.335
A1
0,085
0,100
0,115
A2
0.180
0.200
0.220
b
0,125
0,140
0,155
D
1,06
1,11
1,16
D1
0,6
E
1,36
1,41
1,46
E1
0,9
e
0,3
SE
0,15
f
0,255
ccc
0,020
Figure 14. Flip-chip12 (1.1 x 1.41 mm) recommended footprint
0.30
0.30
Ø 0.130
STBC15
Flip-chip12 (1.10 x 1.41 mm) package information
DS12551 - Rev 1
page 17/23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com