Electronic Components Datasheet Search
  English  ▼

X  

STP10P6F6 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STP10P6F6
Description  P-channel -60 V, 0.13 Ω typ., -10 A STripFET™ F6 Power MOSFETs in DPAK, TO-220FP, TO-220 and IPAK packages
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP10P6F6 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STP10P6F6 Datasheet HTML 2Page - STMicroelectronics STP10P6F6 Datasheet HTML 3Page - STMicroelectronics STP10P6F6 Datasheet HTML 4Page - STMicroelectronics STP10P6F6 Datasheet HTML 5Page - STMicroelectronics STP10P6F6 Datasheet HTML 6Page - STMicroelectronics STP10P6F6 Datasheet HTML 7Page - STMicroelectronics STP10P6F6 Datasheet HTML 8Page - STMicroelectronics STP10P6F6 Datasheet HTML 9Page - STMicroelectronics STP10P6F6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Electrical characteristics
STD10P6F6, STF10P6F6, STP10P6F6, STU10P6F6
6/24
DocID022967 Rev 5
2.1
Electrical characteristics (curves)
Note:
For the P-channel Power MOSFET, current and voltage polarities are reversed.
Figure 2. Safe operating area for DPAK, TO-220
and IPAK
Figure 3. Thermal impedance DPAK, TO-220
and IPAK
ID
0.1
0.01
0.1
1
VDS(V)
10
(A)
Operation
in
this
area
is
Limited
by
max
R
DS(on)
100
µs
1ms
10ms
Tj= 175°C
Tc=25°C
Single
pulse
1
10
AM15408v1
Single pulse
δ=0.5
0.05
0.02
0.01
0.1
0.2
K
10
tp(s)
-4
10
-3
10
-1
10
-5
10
-2
10
-2
10
-1
pcb
GIPG180420141107SA
Figure 4. Safe operating area for TO-220FP
Figure 5. Thermal impedance for TO-220FP
ID
1
0.1
0.1
1
VDS(V)
10
(A)
Oper
ation
in
this
area
is
Limited
b
y max
R
DS(on)
100µs
1ms
10ms
Tj= 175°C
Tc=25°C
Single
pulse
10
AM15492v1
Single pulse
δ=0.5
0.05
0.02
0.01
K
10
tp(s)
-4
10
-3
10
-2
10
-1
10
-5
10
-2
10
-1
AM15493v1
Figure 6. Output characteristics
Figure 7. Transfer characteristics
ID
15
10
5
0
0
10
VDS(V)
(A)
5
20
VGS= 4 V
VGS= 5 V
VGS= 10 V
25
VGS= 6 V
AM15340v1
ID
15
10
5
0
2
4
VGS(V)
6
(A)
3
5
7
20
8
VDS= 9 V
9
10
25
AM15346v1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com