Electronic Components Datasheet Search
  English  ▼

X  

STD80N3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD80N3LL
Description  N-channel 30 V, 4 mΩ typ., 80 A Power MOSFET in a DPAK package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD80N3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STD80N3LL Datasheet HTML 1Page - STMicroelectronics STD80N3LL Datasheet HTML 2Page - STMicroelectronics STD80N3LL Datasheet HTML 3Page - STMicroelectronics STD80N3LL Datasheet HTML 4Page - STMicroelectronics STD80N3LL Datasheet HTML 5Page - STMicroelectronics STD80N3LL Datasheet HTML 6Page - STMicroelectronics STD80N3LL Datasheet HTML 7Page - STMicroelectronics STD80N3LL Datasheet HTML 8Page - STMicroelectronics STD80N3LL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
December 2016
DocID029591 Rev 2
1/15
This is information on a product in full production.
www.st.com
STD80N3LL
N-
channel 30 V, 4 mΩ typ., 80 A
Power MOSFET in a DPAK package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
PTOT
STD80N3LL
30 V
5.2 mΩ
80 A
75 W
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is an N-channel Power MOSFET with
very low RDS(on) in all packages.
Table 1: Device summary
Order code
Marking
Package
Packaging
STD80N3LL
80N3LL
DPAK
Tape and reel
AM01475v1_Tab
D(2, TAB)
G(1)
S(3)


Similar Part No. - STD80N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD80N340K6 STMICROELECTRONICS-STD80N340K6 Datasheet
347Kb / 16P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a DPAK package
30-Sep-2022
More results

Similar Description - STD80N3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30NF04LT STMICROELECTRONICS-STD30NF04LT Datasheet
912Kb / 15P
N-channel 40 V, 0.03 typ., 30 A, STripFET II Power MOSFET in a DPAK package
23-Nov-2012
STD100N10LF7AG STMICROELECTRONICS-STD100N10LF7AG Datasheet
659Kb / 17P
Automotive-grade N-channel 100 V, 5 mΩ typ., 80 A STripFET™ F7 Power MOSFET in a DPAK package
06-Jun-2016
STD95P3LLH6AG STMICROELECTRONICS-STD95P3LLH6AG Datasheet
731Kb / 16P
Automotive-grade P-channel -30 V, 5 mΩ typ., -80 A STripFET™ H6 Power MOSFET in a DPAK package
26-Jul-2016
STD80N240K6 STMICROELECTRONICS-STD80N240K6 Datasheet
355Kb / 16P
N-channel 800 V, 197 mΩ typ., 16 A MDmesh K6 Power MOSFET in a DPAK package
29-Sep-2022
STD65N160M9 STMICROELECTRONICS-STD65N160M9 Datasheet
336Kb / 15P
N-channel 650 V, 132 mΩ typ., 20 A MDmesh M9 Power MOSFET in a DPAK package
01-Dec-2022
STD80N340K6 STMICROELECTRONICS-STD80N340K6 Datasheet
347Kb / 16P
N-channel 800 V, 285 mΩ typ., 12 A MDmesh K6 Power MOSFET in a DPAK package
30-Sep-2022
STD80N450K6 STMICROELECTRONICS-STD80N450K6 Datasheet
348Kb / 16P
N-channel 800 V, 380 mΩ typ., 10 A MDmesh K6 Power MOSFET in a DPAK package
26-Sep-2022
STD18NF03L STMICROELECTRONICS-STD18NF03L_V01 Datasheet
430Kb / 15P
Automotive-grade N-channel 30 V, 38 mΩ typ., 17 A STripFET II Power MOSFET in a DPAK package
29-Apr-2020
STD7N60M6 STMICROELECTRONICS-STD7N60M6 Datasheet
384Kb / 15P
N-channel 600 V, 780 mΩ typ., 5 A, MDmesh M6 Power MOSFET in a DPAK package
28-Jul-2020
STD9N60M6 STMICROELECTRONICS-STD9N60M6 Datasheet
328Kb / 15P
N‑channel 600 V 670 mΩ typ., 6 A MDmesh M6 Power MOSFET in a DPAK package
02-Nov-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com