Electronic Components Datasheet Search
  English  ▼

X  

STDLED624 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STDLED624
Description  N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STDLED624 Datasheet(HTML) 1 Page - STMicroelectronics

  STDLED624 Datasheet HTML 1Page - STMicroelectronics STDLED624 Datasheet HTML 2Page - STMicroelectronics STDLED624 Datasheet HTML 3Page - STMicroelectronics STDLED624 Datasheet HTML 4Page - STMicroelectronics STDLED624 Datasheet HTML 5Page - STMicroelectronics STDLED624 Datasheet HTML 6Page - STMicroelectronics STDLED624 Datasheet HTML 7Page - STMicroelectronics STDLED624 Datasheet HTML 8Page - STMicroelectronics STDLED624 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
March 2013
DocID024407 Rev 1
1/22
22
STDLED624, STFILED624,
STPLED624, STULED624
N-channel 620 V, 2.2
Ω typ., 4.0 A Power MOSFET
in DPAK, I2PAKFP, TO-220 and IPAK packages
Datasheet
− preliminary data
Figure 1. Internal schematic diagram
Features
• 100% avalanche tested
• Extremely high dv/dt capability
• Very low intrinsic capacitance
• Improved diode reverse recovery
characteristics
• Zener-protected
Applications
• LED lighting applications
Description
These Power MOSFETs boast extremely low on-
resistance, superior dynamic performance and
high avalanche capability, making them suitable
for the buck-boost and flyback topology.
D(2,TAB)
G(1)
S(3)
AM01476v1
3
2
1
TAB
1
2
3
TAB
1
3
TAB
TO-220
DPAK
IPAK
1 2
3
I²PAKFP
Order codes
VDS
RDS(on)
max
ID
PTOT
STDLED624
620 V
2.5
Ω
4.0 A
45 W
STFILED624
20 W
STPLED624
45 W
STULED624
Table 1. Device summary
Order codes
Marking
Package
Packaging
STDLED624
LED624
DPAK
Tape and reel
STFILED624
I2PAKFP (TO-281)
Tube
STPLED624
TO-220
STULED624
IPAK
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STDLED624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STDLED623 STMICROELECTRONICS-STDLED623 Datasheet
1Mb / 18P
Very low intrinsic capacitance
03-Sep-2013
STDLED625 STMICROELECTRONICS-STDLED625 Datasheet
1Mb / 18P
Gate charge minimized
28-Aug-2013
STDLED625H STMICROELECTRONICS-STDLED625H Datasheet
1Mb / 17P
Gate charge minimized
22-Mar-2013
STDLED627 STMICROELECTRONICS-STDLED627 Datasheet
1Mb / 18P
N-channel 620 V, 0.95 Ω, 7.0 A Power MOSFET in D2PAK and in DPAK
August 2013 Rev 1
More results

Similar Description - STDLED624

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB3N62K3 STMICROELECTRONICS-STB3N62K3 Datasheet
567Kb / 19P
N-channel 620 V, 2.2 Ω , 2.7 A SuperMESH3??Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
10-Jul-2008
STB3N62K3 STMICROELECTRONICS-STB3N62K3_09 Datasheet
554Kb / 20P
N-channel 620 V, 2.2 OHM , 2.7 A SuperMESH3 Power MOSFET D2PAK, DPAK, TO-220FP, TO-220, IPAK
17-Aug-2009
STF6N62K3 STMICROELECTRONICS-STF6N62K3 Datasheet
1Mb / 19P
N-channel 620 V, 0.95 Ω typ., 5.5 A SuperMESH3™ Power MOSFET in TO-220FP, I²PAKFP, I²PAK, TO-220, IPAK packages
03-Aug-2012
STFILED625 STMICROELECTRONICS-STFILED625 Datasheet
1Mb / 15P
N-channel 620 V, 1.28 Ω typ., 5.0 A Power MOSFET in I2PAKFP and TO-220 packages
25-Mar-2013
STDLED525 STMICROELECTRONICS-STDLED525 Datasheet
1Mb / 22P
N-channel 525 V, 1.2 Ω typ., 5.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
25-Mar-2013
STDLED602 STMICROELECTRONICS-STDLED602 Datasheet
1Mb / 19P
N-channel 600 V, 4 Ω typ., 2 A Power MOSFET in DPAK and IPAK packages
21-Mar-2013
STFILED625H STMICROELECTRONICS-STFILED625H Datasheet
1Mb / 17P
N-channel 650 V, 1.7 Ω typ., 4.5 A Power MOSFET in I2PAKFP, TO-220 and IPAK packages
08-Apr-2013
STP3LN80K5 STMICROELECTRONICS-STP3LN80K5 Datasheet
804Kb / 15P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in TO-220 and IPAK packages
28-Jun-2016
STB5NK50Z-1 STMICROELECTRONICS-STB5NK50Z-1_V01 Datasheet
674Kb / 29P
N-channel 500 V, 1.22 Ω typ., 4.4 A SuperMESH™ Power MOSFETs in I2PAK, DPAK, TO‑220, TO‑220FP and IPAK packages
18-Sep-2018
STD3NK80Z-1 STMICROELECTRONICS-STD3NK80Z-1_V01 Datasheet
1Mb / 29P
N-channel 800 V, 3.8 Ω typ., 2.5 A SuperMESH™ Power MOSFETs in IPAK, DPAK, TO-220FP, TO-220 packages
06-Apr-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com