Electronic Components Datasheet Search
  English  ▼

X  

STFILED624 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STFILED624
Description  N-channel 620 V, 2.2 Ω typ., 4.0 A Power MOSFET in DPAK, I2PAKFP, TO-220 and IPAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STFILED624 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STFILED624 Datasheet HTML 3Page - STMicroelectronics STFILED624 Datasheet HTML 4Page - STMicroelectronics STFILED624 Datasheet HTML 5Page - STMicroelectronics STFILED624 Datasheet HTML 6Page - STMicroelectronics STFILED624 Datasheet HTML 7Page - STMicroelectronics STFILED624 Datasheet HTML 8Page - STMicroelectronics STFILED624 Datasheet HTML 9Page - STMicroelectronics STFILED624 Datasheet HTML 10Page - STMicroelectronics STFILED624 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
DocID024407 Rev 1
7/22
STDLED624, STFILED624, STPLED624, STULED624
Electrical characteristics
Figure 8. Normalized BVDSS vs temperature
Figure 9. Static drain-source on-resistance
Figure 10. Gate charge vs gate-source voltage
Figure 11. Capacitance variations
Figure 12. Normalized gate threshold voltage vs
temperature
Figure 13. Normalized on-resistance vs
temperature
VDS
-75
0
TJ(°C)
(norm)
-50
75
-25
50
100
0.8
0.90
0.95
1
1.05
1.10
ID = 1mA
25
125
AM15338v1
RDS(on)
1.8
1.7
1.6
1.5
0
2
ID(A)
(Ohm)
1
3
1.9
VGS=10V
2
2.1
2.2
2.3
2.4
AM15332v1
VGS
6
4
0
0
5
Qg(nC)
(V)
20
8
10
15
10
VDD=496V
ID=2.5A
300
200
100
0
400
500
VDS
(V)
VDS
12
VGS
AM15333v1
C
100
10
1
0.1
10
VDS(V)
(pF)
1
100
Ciss
Coss
Crss
AM15334v1
VGS(th)
0.9
0.8
0.7
0.6
-75
0
TJ(°C)
(norm)
-50
1
75
-25
50
100
ID=250 µA
25
125
1.1
AM15336v1
RDS(on)
1.5
1
0
TJ(°C)
(norm)
0.5
ID=3.5A
VGS=10V
-75
0
-50
75
-25
50
100
25
125
2
2.5
AM15336v1
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com