Electronic Components Datasheet Search
  English  ▼

X  

STF12N50U Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF12N50U
Description  N-channel 500 V, 0.55 Ω, 10 A TO-220FP Ultrafast MESH™ Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF12N50U Datasheet(HTML) 1 Page - STMicroelectronics

  STF12N50U Datasheet HTML 1Page - STMicroelectronics STF12N50U Datasheet HTML 2Page - STMicroelectronics STF12N50U Datasheet HTML 3Page - STMicroelectronics STF12N50U Datasheet HTML 4Page - STMicroelectronics STF12N50U Datasheet HTML 5Page - STMicroelectronics STF12N50U Datasheet HTML 6Page - STMicroelectronics STF12N50U Datasheet HTML 7Page - STMicroelectronics STF12N50U Datasheet HTML 8Page - STMicroelectronics STF12N50U Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
March 2010
Doc ID 17202 Rev 1
1/12
12
STF12N50U
N-channel 500 V, 0.55
Ω, 10 A TO-220FP
Ultrafast MESH™ Power MOSFET
Features
■ 100% avalanche tested
■ Outstanding dv/dt capability
■ Gate charge minimized
■ Very low intrinsic capacitance
■ Very low RDS(on)
■ Extremely low trr
Application
■ Switching applications
– High voltage inverters specific for LCD TV
– Lighting full bridge topology
– Motor control
Description
The Ultrafast MESH™ series associates all
advantages of reduced on-resistance. Zener gate
protection and very high dv/dt capability with an
extremely enhanced fast body-drain recovery
diode.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on)
max
ID
Pw
STF12N50U
500 V
< 0.8
Ω
10 A
30 W
TO-220FP
1
2
3
D(2)
G(1)
S(3)
AM01476v1
Table 1.
Device summary
Order code
Marking
Package
Packaging
STF12N50U
12N50U
TO-220FP
Tube
www.st.com


Similar Part No. - STF12N50U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
Fast-recovery body diode
07-Mar-2016
STF12N50M2 STMICROELECTRONICS-STF12N50M2 Datasheet
677Kb / 13P
Low gate input resistance
18-Jun-2014
More results

Similar Description - STF12N50U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB19NF20 STMICROELECTRONICS-STB19NF20_V01 Datasheet
809Kb / 30P
N-channel 200 V, 0.11 Ω, 15 A, MESH OVERLAY™ Power MOSFETs in D2PAK, DPAK, TO‑220FP and TO-220 packages
09-Aug-2018
STD10LN80K5 STMICROELECTRONICS-STD10LN80K5 Datasheet
842Kb / 17P
N-channel 800 V, 0.55 Ω typ., 8 A MDmesh™ K5 Power MOSFET in a DPAK package
09-Mar-2016
STF10NK60Z STMICROELECTRONICS-STF10NK60Z Datasheet
275Kb / 13P
N-channel 600 V, 0.65 Ω, 10 A, SuperMESH™ Power MOSFET Zener-protected TO-220FP narrow leads
04-Nov-2009
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STF5N65M6 STMICROELECTRONICS-STF5N65M6 Datasheet
700Kb / 13P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
05-May-2016
STF10NK50Z STMICROELECTRONICS-STF10NK50Z_V01 Datasheet
525Kb / 13P
N-channel 500 V, 0.55 Ω, 9 A Zener-protected SuperMESH™ Power MOSFET in TO-220FP package
28-Mar-2012
STN1N20 STMICROELECTRONICS-STN1N20_V01 Datasheet
515Kb / 12P
N-channel 200 V, 1.2 Ω, 1 A, SOT-223 MESH OVERLAY™ Power MOSFET
27-Jun-2011
STF5N52U STMICROELECTRONICS-STF5N52U Datasheet
548Kb / 13P
N-channel 525 V, 1.25 Ω typ., 4.4 A, UltraFASTmesh™ Power MOSFET in a TO-220FP package
05-Mar-2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com