Electronic Components Datasheet Search
  English  ▼

X  

STF3LN80K5 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STF3LN80K5
Description  N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF3LN80K5 Datasheet(HTML) 4 Page - STMicroelectronics

  STF3LN80K5 Datasheet HTML 1Page - STMicroelectronics STF3LN80K5 Datasheet HTML 2Page - STMicroelectronics STF3LN80K5 Datasheet HTML 3Page - STMicroelectronics STF3LN80K5 Datasheet HTML 4Page - STMicroelectronics STF3LN80K5 Datasheet HTML 5Page - STMicroelectronics STF3LN80K5 Datasheet HTML 6Page - STMicroelectronics STF3LN80K5 Datasheet HTML 7Page - STMicroelectronics STF3LN80K5 Datasheet HTML 8Page - STMicroelectronics STF3LN80K5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
STF3LN80K5
4/13
DocID027715 Rev 2
2
Electrical characteristics
(TC = 25 °C unless otherwise specified)
Table 5: On /off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source breakdown
voltage
ID = 1 mA, VGS = 0 V
800
V
IDSS
Zero gate voltage
drain current
VDS = 800 V, VGS = 0 V
1
µA
VDS = 800 V, VGS = 0 V,
TC = 125 °C(1)
50
µA
IGSS
Gate body leakage
current
VGS = ± 20 V, VGS = 0 V
±10
µA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 100 µA
3
4
5
V
RDS(on)
Static drain-source
on-resistance
VGS = 10 V, ID = 1 A
2.75
3.25
Ω
Notes:
(1)Defined by design, not subject to production test.
Table 6: Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 100 V, f = 1 MHz,
VGS = 0 V
-
102
-
pF
Coss
Output capacitance
-
11
-
pF
Crss
Reverse transfer
capacitance
-
0.1
-
pF
Cotr(1)
Equivalent capacitance
time related
VDS = 0 to 640 V, VGS = 0 V
-
20
-
pF
Coer(2)
Equivalent capacitance
energy related
-
7
-
pF
RG
Intrinsic gate resistance
f = 1 MHz, ID = 0 A
-
12
-
Ω
Qg
Total gate charge
VDD = 640 V, ID = 2 A,
VGS = 10 V ( see Figure 15:
"Test circuit for gate charge
behavior" )
-
2.63
-
nC
Qgs
Gate-source charge
-
0.91
-
nC
Qgd
Gate-drain charge
-
1.53
-
nC
Notes:
(1)Time related is defined as a constant equivalent capacitance giving the same charging time as Coss when VDS
increases from 0 to 80% VDSS
(2)Energy related is defined as a constant equivalent capacitance giving the same stored energy as Coss when VDS
increases from 0 to 80% VDSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com