Electronic Components Datasheet Search
  English  ▼

X  

STF5N65M6 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF5N65M6
Description  N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a TO-220FP package
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF5N65M6 Datasheet(HTML) 1 Page - STMicroelectronics

  STF5N65M6 Datasheet HTML 1Page - STMicroelectronics STF5N65M6 Datasheet HTML 2Page - STMicroelectronics STF5N65M6 Datasheet HTML 3Page - STMicroelectronics STF5N65M6 Datasheet HTML 4Page - STMicroelectronics STF5N65M6 Datasheet HTML 5Page - STMicroelectronics STF5N65M6 Datasheet HTML 6Page - STMicroelectronics STF5N65M6 Datasheet HTML 7Page - STMicroelectronics STF5N65M6 Datasheet HTML 8Page - STMicroelectronics STF5N65M6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
May 2016
DocID029232 Rev 1
1/13
This is information on a product in full production.
www.st.com
STF5N65M6
N-channel 650 V, 1.15
Ω typ., 4 A MDmesh™ M6
Power MOSFET in a TO-220FP package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on) max.
ID
STF5N65M6
650 V
1.3 Ω
4 A
Reduced switching losses
Lower RDS(on) x area vs previous generation
Low gate input resistance
100% avalanche tested
Zener-protected
Applications
Switching applications
Description
The new MDmesh™ M6 technology incorporates
the most recent advancements to the well-known
and consolidated MDmesh family of SJ
MOSFETs. STMicroelectronics builds on the
previous generation of MDmesh devices through
its new M6 technology, which combines excellent
RDS(on) * area improvement with one of the most
effective switching behaviors available, as well as
a user-friendly experience for maximum end-
application efficiency.
Table 1: Device summary
Order code
Marking
Package
Packing
STF5N65M6
5N65M6
TO-220FP
Tube
TO-220FP
AM15572v1_no_tab
D(2)
G(1)
S(3)


Similar Part No. - STF5N65M6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STF5N65M6 ISC-STF5N65M6 Datasheet
392Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - STF5N65M6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF7N65M6 STMICROELECTRONICS-STF7N65M6 Datasheet
480Kb / 13P
N-channel 650 V, 0.91 typ., 5 A, MDmesh™ M6 Power MOSFET in a TO‑220FP package
October 2018 Rev 2
STU5N65M6 STMICROELECTRONICS-STU5N65M6 Datasheet
688Kb / 12P
N-channel 650 V, 1.15 typ., 4 A MDmesh™ M6 Power MOSFET in an IPAK package
May 2016 Rev 2
STF33N60M6 STMICROELECTRONICS-STF33N60M6 Datasheet
255Kb / 13P
N-channel 600 V, 105 m typ., 25 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
18-Jul-2018
STD3N65M6 STMICROELECTRONICS-STD3N65M6 Datasheet
630Kb / 18P
N-channel 650 V, 1.4 Ω typ., 3.5 A MDmesh M6 Power MOSFET in a DPAK package
08-Jul-2019
STD5N65M6 STMICROELECTRONICS-STD5N65M6 Datasheet
801Kb / 15P
N-channel 650 V, 1.15 Ω typ., 4 A MDmesh™ M6 Power MOSFET in a DPAK package
05-May-2016
STF17N80K5 STMICROELECTRONICS-STF17N80K5 Datasheet
636Kb / 13P
N-channel 800 V, 0.29 Ω typ., 14 A MDmesh™ K5 Power MOSFET in a TO-220FP package
20-Jan-2016
STF18N60M6 STMICROELECTRONICS-STF18N60M6 Datasheet
451Kb / 13P
N-channel 600 V, 230 mΩ typ., 13 A, MDmesh™ M6 Power MOSFET in a TO-220FP package
15-Nov-2018
STF3LN80K5 STMICROELECTRONICS-STF3LN80K5 Datasheet
716Kb / 13P
N-channel 800 V, 2.75 Ω typ., 2 A MDmesh™ K5 Power MOSFET in a TO-220FP package
01-Jul-2016
STF4LN80K5 STMICROELECTRONICS-STF4LN80K5 Datasheet
719Kb / 13P
N-channel 800 V, 2.1 Ω typ., 3 A MDmesh™ K5 Power MOSFET in a TO-220FP package
18-May-2016
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com