Electronic Components Datasheet Search
  English  ▼

X  

AM101 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # AM101
Description  1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

AM101 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  AM101 Datasheet HTML 1Page - Pan Jit International Inc. AM101 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
DATE : OCT.02.2002
FEATURES
• Ratings to 1000V PRV
• Surge overload rating: 30 Amperes peak
• Ideal for printed circuit board
• Reliable low cost construction utilizing molded plastic
technique
• Mounting position:Any
AM100~AM1010
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES
VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Amperes
MECHANICALDATA
Case:Reliable low cost construction utilizing molded
plastic technique results in inexpensive product.
Terminals: Leads solderable per MIL-STD-202,
Method 208
Polarity :Polarity symbols marking on body.
Weight: 0.05 ounce, 1.3 grams
Available with 0.50 inch leads(P/N add suffix ”S”)
DATA SHEET
Recongnized File # E111753
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge input Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current TA=50°C
Peak Forward Surge Current, 8.3ms singlehalf sine-wave
superimposed on rated load
I2t Rating for fusing ( t < 8.35 ms)
Maximum Forward Voltage Drop per Bridge Element at 1.0A
Maximum Reverse Current at Rated TJ= 25°C
DC Blocking Voltage per element TJ=125°C
Typical Junction capacitance per leg (Note 1) CJ
Typical Thermal resistance per leg (Note 2) R
θJA
Typical Thermal resistance per leg (Note 2) R
θJA
Operating Temperature Range TJ
Storage Temperature Range TA
UNITS
V
V
V
1.0
30.0
10.0
1.0
10.0
1.0
24.0
36.0
13.0
-55 to +125
V
A
A
A2 t
µA
mA
pF
°C/W
°C
°C
NOTES:
1. Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts.
2. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with 0.47 X 0.47"(12 X 12mm) copper pads.
AM
Unit: inch ( mm )
.220(5.6)
.181(4.6)
.031(0.8)
.028(0.7)
.370(9.4)
.358(9.1)
Bottom View
-55 to +150
AM100
50
35
50
AM101
100
70
100
AM102
200
140
200
AM104
400
280
400
AM106
600
420
600
AM108
800
560
800
AM1010
1000
700
1000


Similar Part No. - AM101

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
AM101 TRSYS-AM101 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
logo
Comchip Technology
AM101 COMCHIP-AM101 Datasheet
46Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Seoul Semiconductor
AM101-DP SEOUL-AM101-DP Datasheet
576Kb / 13P
Surface-mounted chip LED device
logo
Comchip Technology
AM101-G COMCHIP-AM101-G Datasheet
54Kb / 2P
Silicon Miniature Single-Phase Bridge
logo
Transys Electronics
AM1010 TRSYS-AM1010 Datasheet
116Kb / 2P
1.0 TO 1.5 AMPERE SILICON MINIATURE SINGLE-PHASE BRIDGE
More results

Similar Description - AM101

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1A1 PANJIT-1A1 Datasheet
52Kb / 2P
MINIATURE PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
AM150 PANJIT-AM150 Datasheet
41Kb / 2P
1.0 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
W005G PANJIT-W005G Datasheet
49Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES(VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes)
logo
DAESAN ELECTRONIC CORP.
HEM101 DAESAN-HEM101 Datasheet
251Kb / 2P
CURRENT 1.0 AMPERES VOLTAGE 50 TO 1000 VOLTS
logo
Pan Jit International I...
W005G PANJIT-W005G_06 Datasheet
50Kb / 2P
1.5 AMPERE SILICON MINIATURE SINGLE- PHASE BRIDGES VOLTAGE - 50 to 1000 Volts CURRENT - 1.5 Amperes
logo
DAESAN ELECTRONIC CORP.
1F1G DAESAN-1F1G Datasheet
313Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001 DAESAN-1N4001 Datasheet
210Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001A DAESAN-1N4001A Datasheet
304Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
1N4001S DAESAN-1N4001S Datasheet
206Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
RL101FG DAESAN-RL101FG Datasheet
316Kb / 2P
CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com