Electronic Components Datasheet Search
  English  ▼

X  

HT8659 Datasheet(PDF) 7 Page - Holtek Semiconductor Inc

Part # HT8659
Description  Voice Recorder (DRAM)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8659 Datasheet(HTML) 7 Page - Holtek Semiconductor Inc

Back Button HT8659 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 9Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 10Page - Holtek Semiconductor Inc HT8659 Datasheet HTML 11Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
AS4
AS6
Function
1
1
Normal mode
0
1
AUTO PLAY mode
1
0
Not applicable
0
0
Not applicable
Notes: 1. “0” connects an external pull-low
resistor to ASn, where n=4, 6.
2. “1” connects no external pull-low
resistor to ASn, where n=4, 6.
System reset
The reset time of the HT8658 and HT8659 is
different. The HT8658 will reset the system if
the RES key is pressed more than 4 seconds and
reset the playing counter if the RES key is
pressed less than 4 seconds. The HT8659, on
the other hand, will reset the system if the RES
key is pressed over 2 seconds and reset the
playing counter if the key is pressed less than 2
seconds. Once the playing counter is reset, the
ICs will play back the recorded data from the
beginning by triggering the PLAY key. All of the
recorded data will be deleted after the system is
reset.
Indicate function
The HT8658/HT8659 provide an LEDB pin to
indicate the operation status of the LSI through
an external LED display. The LEDB pin is of
high impedance and an external LED is
switched off in the standby state. LEDB, on the
other hand, remains at a low level and LED is
turned on in the recording state. In the play-
back state, LED flashes with the volume of
output sounds. When the system is reset, it
flashes at a 2Hz rate.
HT8658/HT8659
7
26th Sep ’96



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com