Electronic Components Datasheet Search
  English  ▼

X  

LM393FVM Datasheet(PDF) 2 Page - Rohm

Part # LM393FVM
Description  Ground Sense Comparators
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393FVM Datasheet(HTML) 2 Page - Rohm

  LM393FVM Datasheet HTML 1Page - Rohm LM393FVM Datasheet HTML 2Page - Rohm LM393FVM Datasheet HTML 3Page - Rohm LM393FVM Datasheet HTML 4Page - Rohm LM393FVM Datasheet HTML 5Page - Rohm LM393FVM Datasheet HTML 6Page - Rohm LM393FVM Datasheet HTML 7Page - Rohm LM393FVM Datasheet HTML 8Page - Rohm LM393FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
Datasheet
www.rohm.com
TSZ02201-0GOG0G200770-1-2
©2015 ROHM Co., Ltd. All rights reserved.
2/37
15.Jul.2016 Rev.002
TSZ22111
• 15 • 001
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
LM339F, LM2901F
: SOP14
LM339FJ, LM2901FJ
: SOP-J14
LM339FV, LM2901FV
: SSOP-B14
LM339FVJ, LM2901FVJ
: TSSOP-B14J
Absolute Maximum Ratings (TA=25°C)
Parameter
Symbol
Rating
Unit
LM393xxx
LM339xxx
LM2903xxx
LM2901xxx
Supply Voltage
VCC-VEE
+36
V
Power Dissipation
PD
SOP8
0.68
(Note 1,9)
-
0.68
(Note 1,9)
-
W
SOP-J8
0.67
(Note 2,9)
-
0.67
(Note 2,9)
-
SSOP-B8
0.62
(Note 3,9)
-
0.62
(Note 3,9)
-
TSSOP-B8
0.62
(Note 3,9)
-
0.62
(Note 3,9)
-
TSSOP-B8J
0.58
(Note 4,9)
-
0.58
(Note 4,9)
-
MSOP8
0.58
(Note 4,9)
-
0.58
(Note 4,9)
-
SOP14
-
0.56
(Note 5,9)
-
0.56
(Note 5,9)
SOP-J14
-
1.02
(Note 6,9)
-
1.02
(Note 6,9)
SSOP-B14
-
0.87
(Note 7,9)
-
0.87
(Note 7,9)
TSSOP-B14J
-
0.85
(Note 8,9)
-
0.85
(Note 8,9)
Differential Input Voltage
(Note 10)
VID
+36
V
Common-mode Input Voltage range
VICM
(VEE-0.3) to (VEE+36)
V
Input Current
(Note 11)
II
-10
mA
Operating Supply Voltage
Vopr
Single Supply
+3.0 to +32.0
V
Dual Supply
±1.5 to ±16.0
Operating Temperature Range
Topr
-40 to +85
-40 to +125
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Maximum Junction Temperature
Tjmax
+150
°C
(Note 1) Reduce 5.5mW per 1°C above 25°C.
(Note 2) Reduce 5.4mW per 1°C above 25°C.
(Note 3) Reduce 5.0mW per 1°C above 25°C.
(Note 4) Reduce 4.7mW per 1°C above 25°C.
(Note 5) Reduce 4.5mW per 1°C above 25°C.
(Note 6) Reduce 8.2mW per 1°C above 25°C.
(Note 7) Reduce 7.0mW per 1°C above 25°C.
(Note 8) Reduce 6.8mW per 1°C above 25°C.
(Note 9) Mounted on an FR4 glass epoxy PCB 70mm×70mm×1.6mm (Copper foil area less than 3%).
(Note 10) Differential Input Voltage is the voltage difference between the inverting and non-inverting inputs. The input pin voltage is set to more than VEE.
(Note 11) An excessive input current will flow when input voltages of less than VEE-0.6V are applied.
The input current can be set to less than the rated current by adding a limiting resistor.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Pin No.
Pin Name
1
OUT2
2
OUT1
3
VCC
4
-IN1
5
+IN1
6
-IN2
7
+IN2
8
-IN3
9
+IN3
10
-IN4
11
+IN4
12
VEE
13
OUT4
14
OUT3
OUT2
OUT1
VCC
-IN1
+IN1
-IN2
+IN2
OUT3
OUT4
VEE
+IN4
-IN4
+IN3
-IN3
- +
- +
- +
1
2
3
4
5
6
7
8
9
10
11
12
13
14
CH1
CH3
CH2
- +
CH4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com