Electronic Components Datasheet Search
  English  ▼

X  

JC208SN Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # JC208SN
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC208SN Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  JC208SN Datasheet HTML 1Page - List of Unclassifed Manufacturers JC208SN Datasheet HTML 2Page - List of Unclassifed Manufacturers JC208SN Datasheet HTML 3Page - List of Unclassifed Manufacturers JC208SN Datasheet HTML 4Page - List of Unclassifed Manufacturers JC208SN Datasheet HTML 5Page - List of Unclassifed Manufacturers JC208SN Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
142
http://www.jelsystem.co.jp
E-mail:contact@jelsystem.co.jp
※ Description in the catalogue is subject to change without notice. Please read the specifications thoroughly before using.
※ Please contact JEL SYSTEM for further information.
JC208SN/C, JC216SC
−25
0
25
50
75
100
125
60
50
40
20
10
0
Ambient Temperature Ta〔℃〕
Forward Current VS.
Ambient Temperature
0
1.0
2.0
200
100
50
20
10
5
2
1
Forward VoltageVF〔V〕
Forward Current VS.
Forward Voltage
(Typical value)
TA=100℃ 75℃ 50℃ 25℃ 0℃ −25℃
02468
10
12
20
18
16
14
12
10
8
6
4
2
0
On State Load Current IT〔Arms〕
On State Power Dissipation VS.
On State Load Current
(JC-08S type)
(Typical value)
Ta=25℃
−25
0
25
50
75
100
125
16
8
10
12
14
6
4
2
0
Maximum Load Current VS.
Case Temperature
JC-16S type
JC-08S type
Case Temperature Tc〔℃〕



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com