Electronic Components Datasheet Search
  English  ▼

X  

JC208C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # JC208C
Description  AC Solid State Relay
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC208C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  JC208C Datasheet HTML 1Page - List of Unclassifed Manufacturers JC208C Datasheet HTML 2Page - List of Unclassifed Manufacturers JC208C Datasheet HTML 3Page - List of Unclassifed Manufacturers JC208C Datasheet HTML 4Page - List of Unclassifed Manufacturers JC208C Datasheet HTML 5Page - List of Unclassifed Manufacturers JC208C Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
139
http://www.jelsystem.co.jp
E-mail:contact@jelsystem.co.jp
※ Description in the catalogue is subject to change without notice. Please read the specifications thoroughly before using.
※ Please contact JEL SYSTEM for further information.
JC208SN/C, JC216SC
JC
SERIES
AC Solid State Relay
−25
0
25
50
75
100 125
10
8
7
9
6
5
4
3
2
1
0
Ambient Temperature Ta〔℃〕
Maximum Load Current VS.
Ambient Temperature (JC-08S type)
① With infinite heat sink
② With heat-sink plate
(A1 plate 200×200×2mm)
③ With heat-sink plate
(A1 plate 100×100×2mm)
①
②
③
④
⑤
⑥
④ With heat-sink plate
(A1 plate 75×75×2mm)
⑤ With heat-sink plate
(A1 plate 50×50×2mm)
⑥ No-heat-sink plate
−25
0
25
50
75
100 125
20
8
10
12
14
16
18
6
4
2
0
①
②
③
④
⑤
Ambient Temperature Ta〔℃〕
Maximum Load Current VS.
Ambient Temperature (JC-16S type)
① With infinite heat sink
② With heat-sink plate
(A1 plate 280×280×2mm)
③ With heat-sink plate
(A1 plate 200×200×2mm)
④ With heat-sink plate
(A1 plate 100×100×2mm)
⑤ No-heat-sink plate
Features
Characteristics
●
Resin casted molding package with heat
insulation board
●
Dielectric strength (VISO) between input
and output 4,000Vrms
●
Conforms to Electrical Appliance
Resistration System(For the unit with
over 3.0mm distance between AC lines)
JC208SC
Zero-cross-circuit
C : Built-in
N : Not Built-in
Standard load voltage
2 : 100V、200V
On-state load current
08 : 8A
16 : 16A
Type Information


Similar Part No. - JC208C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JC201 ETC-JC201 Datasheet
80Kb / 6P
AC Solid State Relay
JC201DC ETC-JC201DC Datasheet
80Kb / 6P
AC Solid State Relay
JC201DN ETC-JC201DN Datasheet
80Kb / 6P
AC Solid State Relay
JC202PC1 ETC1-JC202PC1 Datasheet
66Kb / 4P
AC Solid State Relay
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
More results

Similar Description - JC208C

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1945Y CLARE-CPC1945Y Datasheet
122Kb / 4P
AC Solid State Relay
CPC1965G CLARE-CPC1965G Datasheet
121Kb / 4P
AC Solid State Relay
logo
List of Unclassifed Man...
JC202PC2 ETC1-JC202PC2 Datasheet
66Kb / 4P
AC Solid State Relay
logo
Sensitron
SCP-5285 SENSITRON-SCP-5285 Datasheet
55Kb / 3P
AC SOLID STATE RELAY
logo
celduc-relais
STA07220 CELDUC-STA07220 Datasheet
79Kb / 2P
AC Solid State Relay
logo
Clare, Inc.
CPC1945G CLARE-CPC1945G_1 Datasheet
93Kb / 4P
AC Solid State Relay
CPC1945Y CLARE-CPC1945Y_1 Datasheet
92Kb / 4P
AC Solid State Relay
logo
Solid State Optronic
STR8042 SSOUSA-STR8042 Datasheet
373Kb / 8P
AC Solid State Relay
STR8043 SSOUSA-STR8043 Datasheet
374Kb / 8P
AC Solid State Relay
logo
Willow Technologies Ltd
SERIESCA WILLOW-SERIESCA Datasheet
182Kb / 4P
AC Solid-State Relay
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com