Electronic Components Datasheet Search
  English  ▼

X  

K4X51163PC Datasheet(PDF) 13 Page - Samsung semiconductor

Part # K4X51163PC
Description  32M x16 Mobile-DDR SDRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4X51163PC Datasheet(HTML) 13 Page - Samsung semiconductor

Back Button K4X51163PC Datasheet HTML 9Page - Samsung semiconductor K4X51163PC Datasheet HTML 10Page - Samsung semiconductor K4X51163PC Datasheet HTML 11Page - Samsung semiconductor K4X51163PC Datasheet HTML 12Page - Samsung semiconductor K4X51163PC Datasheet HTML 13Page - Samsung semiconductor K4X51163PC Datasheet HTML 14Page - Samsung semiconductor K4X51163PC Datasheet HTML 15Page - Samsung semiconductor K4X51163PC Datasheet HTML 16Page - Samsung semiconductor K4X51163PC Datasheet HTML 17Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
K4X51163PC - L(F)E/G
February 2006
Mobile-DDR SDRAM
AC Timming Parameters & Specifications
Parameter
Symbol
DDR266
DDR222
Unit
Note
Min
Max
Min
Max
Clock cycle time
CL=2
tCK
12.0
15.0
ns
CL=3
7.5
9.0
Row cycle time
tRC
67.5
81
ns
Row active time
tRAS
45
70,000
54
70,000
ns
RAS to CAS delay
tRCD
22.5
27
ns
Row precharge time
tRP
22.5
27
ns
Row active to Row active delay
tRRD
15
15
ns
Write recovery time
tWR
15
15
ns
Last data in to Active delay
tDAL
2tCK+tRP
2tCK+tRP
-
2
Last data in to Read command
tCDLR
1
1
tCK
Col. address to Col. address delay
tCCD
1
1
tCK
Clock high level width
tCH
0.45
0.55
0.45
0.55
tCK
Clock low level width
tCL
0.45
0.55
0.45
0.55
tCK
DQ Output data access time from CK/
CK
CL=2
tAC
2
8
2.5
8
ns
3
CL=3
2
6
2.5
6
DQS Output data access time from
CK/CK
CL=2
tDQSCK
2
8
2.5
8
ns
CL=3
2
6
2.5
6
Data strobe edge to ouput data edge
tDQSQ
0.6
0.7
ns
Read Preamble
CL=2
tRPRE
0.5
1.1
0.5
1.1
tCK
CL=3
0.9
1.1
0.9
1.1
Read Postamble
tRPST
0.4
0.6
0.4
0.6
tCK
CK to valid DQS-in
tDQSS
0.75
1.25
0.75
1.25
tCK
DQS-in setup time
tWPRES
0
0
ns
4
DQS-in hold time
tWPREH
0.25
0.25
tCK
DQS-in high level width
tDQSH
0.4
0.6
0.4
0.6
tCK
DQS-in low level width
tDQSL
0.4
0.6
0.4
0.6
tCK
DQS falling edge to CK setup time
tDSS
0.2
0.2
tCK
DQS falling edge hold time from CK
tDSH
0.2
0.2
tCK
DQS-in cycle time
tDSC
0.9
1.1
0.9
1.1
tCK
Address and Control Input setup time
tIS
1.3
1.5
ns
1
Address and Control Input hold time
tIH
1.3
1.5
ns
1
Address & Control input pulse width
tIPW
2.6
3.0
1
DQ & DM setup time to DQS
tDS
0.8
1.1
ns
5,6
DQ & DM hold time to DQS
tDH
0.8
1.1
ns
5,6
DQ & DM input pulse width
tDIPW
1.8
2.4
ns
DQ & DQS low-impedence time from CK/CK
tLZ
1.0
1.0
ns
DQ & DQS high-impedence time from CK/CK
tHZ
6.0
7.0
ns
DQS write postamble time
tWPST
0.4
0.6
0.4
0.6
tCK
DQS write preamble time
tWPRE
0.25
0.25
tCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com