Electronic Components Datasheet Search
  English  ▼

X  

1478377 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1478377
Description  Network cable - SPE-T1-M12MS/ 5,0-99B/M12MS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1478377 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1478377 Datasheet HTML 1Page - PHOENIX CONTACT 1478377 Datasheet HTML 2Page - PHOENIX CONTACT 1478377 Datasheet HTML 3Page - PHOENIX CONTACT 1478377 Datasheet HTML 4Page - PHOENIX CONTACT 1478377 Datasheet HTML 5Page - PHOENIX CONTACT 1478377 Datasheet HTML 6Page - PHOENIX CONTACT 1478377 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
Product properties
Product type
Data cable preassembled
Number of positions
2
Application
Standard
No. of cable outlets
1
Shielded
yes
Insulation characteristics
Overvoltage category
I
Interfaces
Bus system
Ethernet
Signal type/category
Single Pair Ethernet CAT B (ISO/IEC 63171), 1 Gbps
LED signaling
Status display
No
Status display present
No
Electrical properties
Nominal voltage UN
72 V DC
Transmission medium
Copper
Material specifications
Color Handle area
black
Flammability rating according to UL 94
V0
Connector
Connection 1
Type
Plug straight M12-SPE / IP67
Shielded
yes
Insertion/withdrawal cycles
≤ 100
Degree of protection
IP67
Ambient temperature (operation)
-25 °C ... 85 °C
Connection 2
Type
Plug straight M12-SPE / IP67
Shielded
yes
Handle color
black
CuSn (Contact)
Ni/Au (Contact surface)
PP (Contact carriers)
TPU, hardly inflammable, self-extinguishing (Grip)
Material
Network cable - SPE-T1-M12MS/ 5,0-99B/M12MS
1478377
https://www.phoenixcontact.com/us/products/1478377
Nov 16, 2022, 5:19 AM
Page 2 (7)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com